Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 47 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 47 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 40Page - fujitsu semiconductor MB89663 Datasheet HTML 41Page - fujitsu semiconductor MB89663 Datasheet HTML 42Page - fujitsu semiconductor MB89663 Datasheet HTML 43Page - fujitsu semiconductor MB89663 Datasheet HTML 44Page - fujitsu semiconductor MB89663 Datasheet HTML 45Page - fujitsu semiconductor MB89663 Datasheet HTML 46Page - fujitsu semiconductor MB89663 Datasheet HTML 47Page - fujitsu semiconductor MB89663 Datasheet HTML 48Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
MB89660 Series
47
+0.13
–0.08
–.003
+.005
0°~9°
5.84(.230)MAX
8.89(.350) DIA
TYP
(.134±.014)
3.40±0.36
55.118(2.170)REF
(.738±.010)
18.75±0.25
(2.240±.022)
56.90±0.56
(.750±.010)
19.05±0.25
(.010±.004)
0.25±0.05
1.27±0.25
(.050±.010)
1.45(.057)
MAX
1.778±0.180
(.070±.007)
0.90±0.10
(.0355±.0040)
0.46
.018
INDEX AREA
R1.27(.050)
REF
1994 FUJITSU LIMITED D64006SC-1-2
C
Dimensions in mm (inches)
64-pin Ceramic SH-DIP
(DIP-64C-A06)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com