Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 40Page - fujitsu semiconductor MB89663 Datasheet HTML 41Page - fujitsu semiconductor MB89663 Datasheet HTML 42Page - fujitsu semiconductor MB89663 Datasheet HTML 43Page - fujitsu semiconductor MB89663 Datasheet HTML 44Page - fujitsu semiconductor MB89663 Datasheet HTML 45Page - fujitsu semiconductor MB89663 Datasheet HTML 46Page - fujitsu semiconductor MB89663 Datasheet HTML 47Page - fujitsu semiconductor MB89663 Datasheet HTML 48Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
MB89660 Series
45
s MASK OPTIONS
s ORDERING INFORMATION
No.
Part number
MB89663
MB89665
MB89P665
MB89W665
Specifying procedure
Specify when ordering
masking
Set with EPROM
programmer
1
Power-on reset selection
With power-on reset
Without power-on reset
Selectable
Setting possible
2
Selection of the oscillation stabilization
time
Crystal oscillator
(26.2 ms/10 MHz)
Ceramic oscillator
(1.64 ms/10 MHz)
Selectable
Setting possible
3
Reset pin output
With reset output
Without reset output
Selectable
Setting possible
4
Pull-up resistors
P00 to P07, P10 to P17,
P30 to P37, P40 to P47,
P50 to P57, P60 to P63
Can be selected per pin.
(P50 to P57 are available for
without pull-up resistors
when an A/D converter is
used.)
Can be set per pin.
(P54 to P57 must have the
same setting)
Part number
Package
Remarks
MB89663P-SH
MB89665P-SH
MB89P665P-SH
64-pin Plastic SH-DIP
(DIP-64P-M01)
MB89663PF
MB89665PF
MB89P665PF
64-pin Plastic SH-DIP
(FPT-64P-M06)
MB89W665C-SH
64-pin Ceramic SH-DIP
(DIP-64C-A06)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com