Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 29Page - fujitsu semiconductor MB89663 Datasheet HTML 30Page - fujitsu semiconductor MB89663 Datasheet HTML 31Page - fujitsu semiconductor MB89663 Datasheet HTML 32Page - fujitsu semiconductor MB89663 Datasheet HTML 33Page - fujitsu semiconductor MB89663 Datasheet HTML 34Page - fujitsu semiconductor MB89663 Datasheet HTML 35Page - fujitsu semiconductor MB89663 Datasheet HTML 36Page - fujitsu semiconductor MB89663 Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
MB89660 Series
33
(7) Peripheral Input Timing
(VCC = +5.0 V
±10%, AVSS = VSS = 0.0 V, TA = –40°C to +85°C)
* : For information on tinst, see “(4) Instruction cycle.”
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Max.
Peripheral input “H” pulse
width 1
tILIH1
RTI0, 1
INT0 to INT3
—
2 tinst*
—
µs
Peripheral input “L” pulse
width 1
tIHIL1
——
µs
Peripheral input “H” pulse
width 2
tILIH2
EC
—
1 tinst*
—
µs
Peripheral input “L” pulse
width 2
tIHIL2
——
µs
Peripheral input “H” pulse
width 3
tILIH3
ADST
A/D mode
32 tinst*
—
µs
Peripheral input “L” pulse
width 3
tIHIL3
—
µs
Peripheral input “H” pulse
width 3
tILIH3
Sense mode
8 tinst*
—
µs
Peripheral input “L” pulse
width 3
tIHIL3
—
µs
0.2 VCC
0.8 VCC
tIHIL1
0.8 VCC
INT0 to 3
RTI0, 1
0.2 VCC
tILIH1
0.2 VCC
0.8 VCC
tIHIL2
0.8 VCC
EC
0.2 VCC
tILIH2
0.2 VCC
0.8 VCC
tIHIL3
0.8 VCC
ADST
0.2 VCC
tILIH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com