Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB89663 Datasheet HTML 1Page - fujitsu semiconductor MB89663 Datasheet HTML 2Page - fujitsu semiconductor MB89663 Datasheet HTML 3Page - fujitsu semiconductor MB89663 Datasheet HTML 4Page - fujitsu semiconductor MB89663 Datasheet HTML 5Page - fujitsu semiconductor MB89663 Datasheet HTML 6Page - fujitsu semiconductor MB89663 Datasheet HTML 7Page - fujitsu semiconductor MB89663 Datasheet HTML 8Page - fujitsu semiconductor MB89663 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MB89660 Series
4
(Continued)
* : Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
MB89665
MB89W665
MB89P665
External interrupt
4 channels (edge selection, interrupt vector, source flag)
Rising edge/falling edge/both edges selectability
Used also for wake-up from stop/sleep mode.
(Edge detection is also permitted in stop mode.)
(Wake-up from hardware standby mode is not possible)
Standby mode
Sleep mode, stop mode, and hardware standby mode
Process
CMOS
Operating voltage*
2.2 V to 6.0 V
2.7 V to 6.0 V
Package
MB89663
MB89665
MB89P665
MB89W665
DIP-64P-M01
×
DIP-64C-A06
×
FPT-64P-M06
×
MB89663
Parameter
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com