Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB89663 Datasheet HTML 1Page - fujitsu semiconductor MB89663 Datasheet HTML 2Page - fujitsu semiconductor MB89663 Datasheet HTML 3Page - fujitsu semiconductor MB89663 Datasheet HTML 4Page - fujitsu semiconductor MB89663 Datasheet HTML 5Page - fujitsu semiconductor MB89663 Datasheet HTML 6Page - fujitsu semiconductor MB89663 Datasheet HTML 7Page - fujitsu semiconductor MB89663 Datasheet HTML 8Page - fujitsu semiconductor MB89663 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
MB89660 Series
2
(Continued)
•F2MC-8L family CPU core
Multiplication and division instructions
16-bit arithmetic operations
Test and branch instructions
Bit manipulation instructions, etc.
• Three types of timers
8-bit PWM timer
8/16-bit timer/counter
20-bit time-base timer
• Functions that permit communications with a variety of devices
UART which permits selection of synchronous/asynchronous communications
A serial interface that permits selection of the transfer direction
• 8-bit A/D converter: 8 channels
Sense mode function capable of performing compare operation in 5
µs
Activation by external input possible
• Real-time control
Input capture: 2 channels
Output compare: 2 channels
• External interrupt: 4 channels
Two channels are independent and capable of wake-up from low-power consumption modes (with an edge
detection function).
• Low power consumption modes
Stop mode (Oscillation stops to minimize the current consumption.)
Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
Hardware standby mode (Wake-up from this mode and activation by pin input only.)
Instruction set optimized for controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com