Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 20Page - fujitsu semiconductor MB89663 Datasheet HTML 21Page - fujitsu semiconductor MB89663 Datasheet HTML 22Page - fujitsu semiconductor MB89663 Datasheet HTML 23Page - fujitsu semiconductor MB89663 Datasheet HTML 24Page - fujitsu semiconductor MB89663 Datasheet HTML 25Page - fujitsu semiconductor MB89663 Datasheet HTML 26Page - fujitsu semiconductor MB89663 Datasheet HTML 27Page - fujitsu semiconductor MB89663 Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
MB89660 Series
24
2. Recommended Operating Conditions
(AVSS = VSS = 0.0 V)
* : These values vary with the operating frequency and analog assurance range. See Figure. 1 and “5. A/D Converter
Electrical Characteristics.”
Figure 1
Operating Voltage vs. Main Clock Operating Frequency (MHz)
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
AVCC
2.2*
6.0*
V
Normal operation assurance
range*
MB89663/665
2.7*
6.0*
V
Normal operation assurance
range*
MB89P665
1.5
6.0
V
Retains the RAM state in stop
mode
AVR
0.0
AVCC
V
Operating temperature
TA
–40
+85
°C
1
2
3
4
5
6
110
5
234
6
78
9
Analog accuracy assured in the
AVCC = VCC = 3.5 to 6.0 V range
Main clock operating frequency (MHz)
Note: The shaded area is assured only for the MB89663/665.
Operation assurance range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com