Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 18Page - fujitsu semiconductor MB89663 Datasheet HTML 19Page - fujitsu semiconductor MB89663 Datasheet HTML 20Page - fujitsu semiconductor MB89663 Datasheet HTML 21Page - fujitsu semiconductor MB89663 Datasheet HTML 22Page - fujitsu semiconductor MB89663 Datasheet HTML 23Page - fujitsu semiconductor MB89663 Datasheet HTML 24Page - fujitsu semiconductor MB89663 Datasheet HTML 25Page - fujitsu semiconductor MB89663 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
MB89660 Series
22
(Continued)
Note: Do not use vacancies.
Address
Read/write
Register name
Register description
20H
(R/W)
SMC
UART serial mode control register
21H
(R/W)
SRC
UART serial rate control register
22H
(R/W)
SSD
UART serial status/data register
23H
(R/W)
SIDR/SODR
UART serial data register
24H
(R/W)
SMR
Serial mode register
25H
(R/W)
SDR
Serial data register
26H
(R/W)
EIC1
External interrupt control register 1
27H
(R/W)
EIC2
External interrupt control register 2
28H
(R/W)
TMCR
Timer control register
29H
(R)
TCHR
Timer count register (H)
2AH
(R)
TCLR
Timer count register (L)
2BH
(R/W)
OPCR
Output control register
2CH
(R/W)
CPR0H
Output compare register 0 (H)
2DH
(R/W)
CPR0L
Output compare register 0 (L)
2EH
(R/W)
CPR1H
Output compare register 1 (H)
2FH
(R/W)
CPR1L
Output compare register 1 (L)
30H
(R/W)
ICCR
Input capture control register
31H
(R/W)
ICIC
Input capture interrupt control register
32H
(R)
ICR0H
Input capture register 0 (H)
33H
(R)
ICR0L
Input capture register 0 (L)
34H
(R)
ICR1H
Input capture register 1 (H)
35H
(R)
ICR1L
Input capture register 1 (L)
36H
Vacancy
37H
Vacancy
38H
Vacancy
7CH
(W)
ILR1
Interrupt level setting register 1
7DH
(W)
ILR2
Interrupt level setting register 2
7EH
(W)
ILR3
Interrupt level setting register 3
7FH
Vacancy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com