Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
9.2.1.1 Design Requirements
Table 9-2 shows the intended input, output, and performance parameters for this design example. Refer to the
LM25149-Q1EVM-2100 evaluation module.
Table 9-2. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady state)
8 V to 18 V
Min transient input voltage
5.5 V
Max transient input voltage
36 V
Output voltage
5 V
Output current
8 A
Switching frequency
2.1 MHz
Output voltage regulation
±1%
Standby current, no-load
9.9 µA
Shutdown current
2.3 µA
Soft-start time
3 ms
The switching frequency is set at 2.1 MHz by resistor RRT. In terms of control loop performance, the target loop
crossover frequency is 60 kHz with a phase margin greater than 50°.
The selected buck regulator powertrain components are cited in Table 9-3, and many of the components are
available from multiple vendors. The MOSFETs in particular are chosen for lowest total conduction and switching
power loss.. This design uses a low-DCR composite inductor, and ceramic output capacitors.
Table 9-3. List of Materials for Application Circuit 1
REFERENCE
DESIGNATOR
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
CIN
2
10 µF, 50 V, X7S, 1210, ceramic
Taiyo Yuden
UMJ325KB7106KMHT
Murata
GCM32EC71H106KA03
TDK
CGA6P3X7S1H106K250AB
CO
4
47 µF, 6.3 V, X7R, 1210, ceramic
Murata
GCM32ER70J476KE19L
Taiyo Yuden
JMK325B7476KMHTR
47 µF, 10 V, X7S, 1210, ceramic
TDK
CGA6P1X7S1A476M250AC
LO
1
0.56 μH, 3.6 mΩ, 13 A, 6.6 × 6.6 × 4.8 mm
Würth Electronik
744373490056
0.68 µH, 2.9 mΩ, 22 A, 6.7 × 6.5 × 3.1 mm
Colicraft
XGL6030-681
Q1
1
40 V, 4.7 mΩ, 12 nC, SON 5 × 6
Texas Instruments
CSD18503Q5A
Q2
1
40 V, 2.7 mΩ, 35 nC, SON 5 × 6
Texas Instruments
CSD18511Q5A
RS
1
Shunt, 5 mΩ, 0508, 1 W
Susumu
KRL2012E-M-R005-F-T5
U1
1
LM5148 80-V synchronous buck controller
Texas Instruments
LM5148RGYR
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com