Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 59 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments LM5145 Datasheet HTML 62Page - Texas Instruments LM5145 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
10 Device and Documentation Support
10.1 Device Support
10.1.1 Development Support
With an input operating voltage as low as 3.5 V and up to 100 V as specified in Table 10-1, the LM(2)514x family
of synchronous buck controllers from TI provides flexibility, scalability and optimized solution size for a range
of applications. These controllers enable DC/DC solutions with high density, low EMI and increased flexibility.
Available EMI mitigation features include dual-random spread spectrum (DRSS) or triangular spread spectrum
(TRSS), split gate driver outputs for slew rate (SR) control, and integrated active EMI filtering (AEF).
Table 10-1. Synchronous Buck DC/DC Controller Family
DC/DC
CONTROLLER
SINGLE or
DUAL
VIN RANGE
CONTROL METHOD
GATE DRIVE
VOLTAGE
SYNC OUTPUT
EMI MITIGATION
LM25141
Single
3.8 V to 42 V
Peak current mode
5 V
N/A
SR control, TRSS
LM25143
Dual
3.5 V to 42 V
Peak current mode
5 V
90° phase shift
SR control, TRSS
LM25145
Single
6 V to 42 V
Voltage mode
7.5 V
180° phase shift
N/A
LM25148
Single
3.5 V to 42 V
Peak current mode
5 V
180° phase shift
DRSS
LM25149
Single
3.5 V to 42 V
Peak current mode
5 V
180° phase shift
AEF, DRSS
LM5141
Single
3.8 V to 42 V
Peak current mode
5 V
N/A
SR control, TRSS
LM5143
Dual
3.5 V to 65 V
Peak current mode
5 V
90° phase shift
SR control, TRSS
LM5145
Single
6 V to 75 V
Voltage mode
7.5 V
180° phase shift
N/A
LM5146
Single
5.5 V to 100 V
Voltage mode
7.5 V
180° phase shift
N/A
LM5148
Single
3.5 V to 80 V
Peak current mode
5 V
180° phase shift
DRSS
LM5149
Single
3.5 V to 80 V
Peak current mode
5 V
180° phase shift
AEF, DRSS
For development support see the following:
• LM5148 Quickstart Calculator
• LM5148 Simulation Models
• For TI's reference design library, visit TI Designs
• For TI's WEBENCH Design Environment, visit the WEBENCH Design Center
• TI Designs:
– ADAS 8-Channel Sensor Fusion Hub Reference Design with Two 4-Gbps Quad Deserializers
– Automotive EMI and Thermally Optimized Synchronous Buck Converter Reference Design
– Automotive High Current, Wide VIN Synchronous Buck Controller Reference Design Featuring LM5141-
Q1
– 25W Automotive Start-Stop Reference Design Operating at 2.2 MHz
– Synchronous Buck Converter for Automotive Cluster Reference Design
– 137W Holdup Converter for Storage Server Reference Design
– Automotive Synchronous Buck With 3.3V @ 12.0A Reference Design
– Automotive Synchronous Buck Reference Design
– Wide Input Synchronous Buck Converter Reference Design With Frequency Spread Spectrum
– Automotive Wide VIN Front-end Reference Design for Digital Cockpit Processing Units
• Technical Articles:
– High-Density PCB Layout of DC/DC Converters
– Synchronous Buck Controller Solutions Support Wide VIN Performance and Flexibility
– How to Use Slew Rate for EMI Control
• To view a related device of this product, see the LM25141
10.1.1.1 Custom Design with WEBENCH® Tools
Click here to create a custom design using the LM5148 device with the WEBENCH Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com