Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
2. Use Equation 39 to calculate the input capacitor RMS ripple current assuming a worst-case duty-cycle
operating point of 50%.
˜
˜
˜
˜
CIN(RMS)
OUT
I
I
D 1 D
8A
0.5 1 0.5
4 A
(39)
3. Use Equation 40 to find the required input capacitance.
˜
˜
˜
˜
t
˜ '
˜
˜
: ˜
OUT
IN
SW
IN
ESR
OUT
D
1 D
I
0.5
1
0.5
8 A
C
9.2
)
F
V
R
I
2.1MHz
120mV
2m
8 A
(40)
where
• ΔVIN is the input peak-to-peak ripple voltage specification.
• RESR is the input capacitor ESR.
4. Recognizing the voltage coefficient of ceramic capacitors, select two 10-µF, 50-V, X7R, 1210 ceramic input
capacitors. Place these capacitors adjacent to the power MOSFETs. See Section 9.4.1.1 for more details.
5. Use four 10-nF, 50-V, X7R, 0603 ceramic capacitors near the high-side MOSFET to supply the high di/dt
current during MOSFET switching transitions. Such capacitors offer high self-resonant frequency (SRF)
and low effective impedance above 100 MHz. The result is lower power loop parasitic inductance, thus
minimizing switch-node voltage overshoot and ringing for lower conducted and radiated EMI signature. Refer
to Section 9.4.1 for more details.
9.2.1.2.7 Frequency Set Resistor
Calculate the RT resistance for a switching frequency of 2.1 MHz using Equation 41. Choose a standard E96
value of 9.53 kΩ.
:
:
6
6
SW
T
10
10
53
53
F
(kHz)
2100kHz
R (k )
9.4k
45
45
(41)
9.2.1.2.8 Feedback Resistors
If an output voltage setpoint other than 3.3 V or 5 V is required (or to measure a bode plot when using either of
the fixed output voltage options), determine the feedback resistances using Equation 42.
(42)
9.2.1.2.9 Compensation Components
Choose compensation components for a stable control loop using the procedure outlined as follows:
1. Based on a specified loop gain crossover frequency, fC, of 60 kHz, use Equation 43 to calculate RCOMP,
assuming an effective output capacitance of 100 µF. Choose a standard value for RCOMP of 10 kΩ.
S
S
˜
: ˜
˜
˜
˜
˜
˜
˜
˜
˜
:
OUT
S
CS
COMP
C
OUT
REF
m
V
R
G
5 V
5m
10
R
2
f
C
2
60kHz
100 )
N
V
g
0.8 V 1200 6
(43)
2. To provide adequate phase boost at crossover while also allowing a fast settling time during a load or line
transient, select CCOMP to place a zero at the higher of (1) one tenth of the crossover frequency, or (2) the
load pole. Choose a standard value for CCOMP of 2.7 nF.
S
S
˜
˜
˜
˜
:
COMP
C
COMP
10
10
C
2.65 nF
2
f
R
2
60 kHz 10 k
(44)
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
38
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com