Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
9.1.1.4 Power MOSFETs
The choice of power MOSFETs has significant impact on DC/DC regulator performance. A MOSFET with
low on-state resistance, RDS(on), reduces conduction loss, whereas low parasitic capacitances enable faster
transition times and reduced switching loss. Normally, the lower the RDS(on) of a MOSFET, the higher the gate
charge and output charge (QG and QOSS, respectively), and vice versa. As a result, the product of RDS(on) and
QG is commonly specified as a MOSFET figure-of-merit. Low thermal resistance of a given package ensures that
the MOSFET power dissipation does not result in excessive MOSFET die temperature.
The main parameters affecting power MOSFET selection in a LM5148 application are as follows:
• RDS(on) at VGS = 5 V
• Drain-source voltage rating, BVDSS, typically 40 V or 60 V, depending on the maximum input voltage
• Gate charge parameters at VGS = 5 V
• Output charge, QOSS, at the relevant input voltage
• Body diode reverse recovery charge, QRR
• Gate threshold voltage, VGS(th), derived from the Miller plateau evident in the QG versus VGS plot in the
MOSFET data sheet. With a Miller plateau voltage typically in the range of 2 V to 3 V, the 5-V gate drive
amplitude of the LM5148 provides an adequately enhanced MOSFET when on and a margin against Cdv/dt
shoot-through when off.
The MOSFET-related power losses for one channel are summarized by the equations presented in Table 9-1,
where suffixes one and two represent high-side and low-side MOSFET parameters, respectively. While the
influence of inductor ripple current is considered, second-order loss modes, such as those related to parasitic
inductances and SW node ringing, are not included. Consult the LM5148 Quickstart Calculator to assist with
power loss calculations.
Table 9-1. MOSFET Power Losses
POWER LOSS MODE
HIGH-SIDE MOSFET
LOW-SIDE MOSFET
MOSFET conduction(2)
(3)
2
2
L
cond1
OUT
DS(on)1
I
P
D
I
R
12
§
·
'
¨
¸
˜
˜
¨
¸
©
¹
2
2
L
cond2
OUT
DS(on)2
I
P
D
I
R
12
§
·
'
c ¨
¸
˜
˜
¨
¸
©
¹
MOSFET switching
ª
º
˜
'
'
§
·
§
·
˜
˜
«
»
¨
¸
¨
¸
©
¹
©
¹
¬
¼
IN
SW
L
L
sw1
OUT
R
OUT
F
V
F
I
I
P
I
t
I
t
2
2
2
Negligible
MOSFET gate drive(1)
Gate1
CC
SW
G1
P
V
F
Q
˜
˜
Gate2
CC
SW
G2
P
V
F
Q
˜
˜
MOSFET output
charge(4)
Coss
SW
IN
oss2
oss1
oss2
P
F
V
Q
E
E
˜
˜
Body diode
conduction
N/A
BD
L
L
cond
F
SW
OUT
dt1
OUT
dt2
I
I
P
V
F
I
t
I
t
2
2
ª
º
'
'
§
·
§
·
˜
˜
˜
«
»
¨
¸
¨
¸
©
¹
©
¹
¬
¼
Body diode
reverse recovery(5)
RR
IN
SW
RR2
P
V
F
Q
˜
˜
(1)
Gate drive loss is apportioned based on the internal gate resistance of the MOSFET, externally added series gate resistance and the
relevant driver resistance of the LM5148.
(2)
MOSFET RDS(on) has a positive temperature coefficient of approximately 4500 ppm/°C. The MOSFET junction temperature, TJ, and its
rise over ambient temperature is dependent upon the device total power dissipation and its thermal impedance. When operating at or
near minimum input voltage, make sure that the MOSFET RDS(on) is rated for the available gate drive voltage.
(3)
D' = 1–D is the duty cycle complement.
(4)
MOSFET output capacitances, Coss1 and Coss2, are highly non-linear with voltage. These capacitances are charged losslessly by
the inductor current at high-side MOSFET turn-off. During turn-on, however, a current flows from the input to charge the output
capacitance of the low-side MOSFET. Eoss1, the energy of Coss1, is dissipated at turn-on, but this is offset by the stored energy Eoss2 on
Coss2.
(5)
MOSFET body diode reverse recovery charge, QRR, depends on many parameters, particularly forward current, current transition
speed, and temperature.
The high-side (control) MOSFET carries the inductor current during the PWM on-time (or D interval) and typically
incurs most of the switching losses. It is, therefore, imperative to choose a high-side MOSFET that balances
conduction and switching loss contributions. The total power dissipation in the high-side MOSFET is the sum of
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com