Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
Note
A design with 3 or more phases is feasible when appropriately added phase-shifted clock signals are
available. For example, a 4-phase design requires 4 LM5148 controllers with 0°, 90°, 180° and 270°
external SYNC signals to achieve the ideal phase separation of 360° divided by the total number of
phases.
9.2.4.1 Design Requirements
Table 9-8 shows the intended input, output, and performance parameters for this design example.
Table 9-8. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady-state)
8 V to 72 V
Min transient input voltage
4 V
Max transient input voltage
80 V
Output voltage
3.3 V
Output current
20 A
Switching frequency
400 kHz
Output voltage regulation
±1%
Standby current, no-load
44 µA
Shutdown current
4.6 µA
Soft-start time
3 ms
The switching frequency is set at 400 kHz by resistors RRT1 and RRT2. The selected buck regulator powertrain
components are cited in Table 9-9, and many of the components are available from multiple vendors. The
MOSFETs in particular are chosen for both lowest conduction and switching power loss, as discussed in detail in
Section 9.1.1.4.
Table 9-9. List of Materials for Application Circuit 4
REFERENCE
DESIGNATOR
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
CIN
4
4.7 μF, 100 V, X7S, 1210, ceramic
Murata
GCM32DC72A475KE02L
TDK
CGA6M3X7S2A475K200
CO
8
47 µF, 6.3 V, X7R, 1210, ceramic
Murata
GCM32ER70J476KE19L
47 µF, 10 V, X7S, 1210, ceramic
TDK
CGA6P1X7S1A476M250AC
4
100 µF, 6.3 V, X7S, 1210, ceramic
Murata
GRT32EC70J107ME13
LO1, LO2
2
2.2 μH, 4.5 mΩ, 32 A, 11.3 × 10 × 6 mm
Coilcraft
XKL1060-222MEC
2.2 μH, 4.3 mΩ, 12.5 A, 6.7 × 6.5 × 6.1 mm
Coilcraft
XGL6060-222MEC
2.2 µH, 6.5 mΩ, 10 A, 10 × 11 × 3.8 mm
Würth Electronik
74437368022
Q1, Q2, Q3, Q4
4
80 V, 8.8 mΩ, 25 nC, SON 5 × 6, AEC-Q101
onsemi
NVMFS6H848NLT1G
80 V, 9.6 mΩ, 22 nC, SON 5 × 6, AEC-Q101
Infineon
IAUC50N08S5L096
RS1, RS2
2
Shunt, 4 mΩ, 0508, 1 W
Susumu
KRL2012E-M-R004-F-T5
U1, U2
2
LM5148 80-V synchronous buck controller
Texas Instruments
LM5148RGYR
9.2.4.2 Detailed Design Procedure
See Section 9.2.1.2.
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com