Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
7.5 Electrical Characteristics (continued)
TJ = –40°C to 125°C. Typical values are at TJ = 25°C and VIN = 12 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPG-UV-HYST
Power Good UV hysteresis
Rising with respect to the regulated output
3.6%
VPG-OV-HYST
Power Good OV hysteresis
Rising with respect to the regulation voltage
3.4%
tOV-DLY
OV filter time
VOUT rising
25
µs
tUV-DLY
UV filter time
VOUT falling
25
µs
VPG-OL
PG voltage
Open collector, PG/SYNC = 2 mA
0.8
V
SYNCHRONIZATION OUTPUT (PG/SYNCOUT)
VSYNCOUT-LO
SYNCOUT-LO low-state voltage
RCNFG = 54.9 kΩ or 71.5 kΩ to GND
(primary), PFM/SYNC = 2 mA
0.8
V
VSYNCOUT-HO
SYNCO-HO high-state voltage
RCNFG = 54.9 kΩ, or 71.5 kΩ to GND
(primary) PFM/SYNC = 2 mA
2.0
V
tSYNCOUT
Delay from HO rising edge to SYNCOUT
(PG/SYNCOUT in primary mode)
VPFM = 0 V, FSW set by RRT = 97.6 kΩ
2.1
µs
STARTUP (Soft Start)
tSS-INT
Internal fixed soft-start time
1.9
3
4.6
ms
BOOT CIRCUIT
VBOOT-DROP
Internal diode forward drop
ICBOOT = 20 mA, VCC to CBOOT
0.63
0.8
V
IBOOT
CBOOT to SW quiescent current, not
switching
VEN = 5 V, VCBOOT-SW = 5 V
2.88
4.3
µA
VBOOT-SW-UV-R
CBOOT to SW UVLO rising threshold
VCBOOT-SW rising
2.83
V
VBOOT-SW-UV-F
CBOOT to SW UVLO falling threshold
VCBOOT-SW falling
2.5
V
VBOOT-SW-UV-HYS
CBOOT to SW UVLO hysteresis
0.05
V
HIGH-SIDE GATE DRIVER (HO)
VHO-HIGH
HO high-state output voltage
IHO = –100 mA, VHO-HIGH = VCBOOT – VHO
106
mV
VHO-LOW
HO low-state output voltage
IHO = 100 mA
50
mV
tHO-RISE
HO rise time (10% to 90%)
CLOAD = 2.7 nF
7
ns
tHO-FALL
HO fall time (90% to 10%)
CLOAD = 2.7 nF
7
ns
IHO-SRC
HO peak source current
VHO = VSW = 0 V, VCBOOT = VVCC = 5 V
2.2
A
IHO-SINK
HO peak sink current
VVCC = 5 V
3.2
A
LOW-SIDE GATE DRIVER (LO)
VLO-LOW
LO low-state output voltage
ILO = 100 mA
50
mV
VLO-HIGH
LO high-state output voltage
ILO = –100 mA
130
mV
tLO-RISE
LO rise time (10% to 90%)
CLOAD = 2.7 nF
7
ns
tLO-FALL
LO fall time (90% to 10%)
CLOAD = 2.7 nF
7
ns
ILO-SRC
LO peak source current
VLO = VSW = 0 V, VVCC = 5 V
2.2
A
ILO-SINK
LO peak sink current
VVCC = 5 V
3.2
A
ADAPTIVE DEADTIME CONTROL
tDEAD1
HO off to LO on deadtime
20
ns
tDEAD2
LO off to HO on deadtime
20
ns
INTERNAL HICCUP MODE
HICDLY
Hiccup mode activation delay
VISNS+ –VVOUT > 60 mV
512
cycles
HICCYCLES
HICCUP mode fault
VISNS+ –VVOUT > 60 mV
16384
cycles
OVERCURRENT PROTECTION
VCS-TH
Current limit threshold
Measured from ISNS+ to VOUT
49
60
73
mV
tDELAY-ISNS+
ISNS+ delay to output
65
ns
GCS
CS amplifier gain
9
10
10.8
V/V
IBIAS-ISNS+
CS amplifier input bias current
15
nA
CONFIGURATION
RCONF-OPT1
Primary, no spread spectrum
28.7
29.4
31
kΩ
RCONF-OPT2
Primary, with spread spectrum
40.2
41.2
43.2
kΩ
RCONF-OPT3
Primary, interleaved, no spread spectrum
53.6
54.9
57.6
kΩ
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com