Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
Table 8-2. Configuration Modes
RCNFG
PRIMARY/
SECONDARY
SPREAD SPECTRUM
DUAL PHASE
29.9 kΩ
Primary
OFF
Disabled
41.2 kΩ
Primary
ON
Disabled
54.9 kΩ
Primary
OFF
Enabled
71.5 kΩ
Primary
ON
Enabled
90.9 kΩ
Secondary
N/A
Enabled
EN / SYNC
VCC
CONFIG_START
CONFIG_DONE
VDDUV
50 µs
SS(internal)
CONFIGURATION TIME
Figure 8-6. Configuration Timing
8.3.16 Single-Output Dual-Phase Operation
To configure for dual-phase operation, two LM5148 controllers are required. The LM5148 can only be configured
in a single or dual-phase configuration where both outputs are tied together. Additional phases cannot be added.
Refer to Figure 8-7. Configure the first controller (CNTRL1) as a primary controller and the second controller
(CNTRL2) as a secondary. To configure CNTRL1 as a primary controller, install a 54-kΩ or a 71.5-kΩ resistor
from CNFG to AGND. To configure the CNTRL2 as a secondary controller, install a 90.9-kΩ resistor from CNFG
to AGND. This disables the error amplifier of CNTRL2, placing it into a high-impedance state. Connect the
EXTCOMP pins of the primary and secondary controllers together. The internal compensation amplifier feature is
not supported when the controller is in dual-phase mode.
In dual-phase mode, the PG/SYNC pin of the primary controller becomes a SYNCOUT. Refer to Section 7.5
for voltage levels. Connect PG of the primary to PFM/SYNC (SYNCIN) of the secondary controller. The PG/
SYNCOUT signal of the primary controller is 180° out-of-phase and facilitates interleaved operation. RT is
not used for the oscillator when the LM5148 is in Secondary Controller mode, but instead is used for slope
compensation. Therefore, select the RT resistance to be the same as that of the primary controller. The oscillator
is derived from the primary controller. When in primary/secondary mode, enable both controllers simultaneously
for start-up. After the regulator has started, pull the secondary EN pin low (< 0.8 V) for phase shedding if needed
at light load to increase the efficiency.
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com