Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
8 Detailed Description
8.1 Overview
The LM5148 is a switching DC/DC controller that features all of the functions necessary to implement a high-
efficiency synchronous buck power supply operating over a wide input voltage range from 3.5 V to 80 V. The
LM5148 is configured to provide a fixed 3.3-V, 5-V, or 12-V output, or an adjustable output from 0.8 V to 55
V. This easy-to-use controller integrates high-side and low-side MOSFET gate drivers capable of sourcing and
sinking peak currents of 2.2 A and 3.2 A, respectively. Adaptive dead-time control is designed to minimize body
diode conduction during switching transitions.
Current-mode control using a shunt resistor or inductor DCR current sensing provides inherent line feedforward,
cycle-by-cycle peak current limiting, and easy loop compensation. Current-mode control using a shunt resistor
or inductor DCR current sensing also supports a wide duty cycle range for high input voltage and low-dropout
applications as well as when application require a high step-down conversion ratio (for example, 10-to-1). The
oscillator frequency is user-programmable between 100 kHz to 2.2 MHz, and the frequency can be synchronized
as high as 2.5 MHz by applying an external clock to the PFM/SYNC pin.
An external bias supply can be connected to VCCX to maximize efficiency in high input voltage applications.
A user-selectable diode emulation feature enables discontinuous conduction mode (DCM) operation to further
improve efficiency and reduce power dissipation during light-load conditions. Fault protection features include
current limiting, thermal shutdown, UVLO, and remote shutdown capability.
The LM5148 incorporates features to simplify the compliance with various EMI standards, for example CISPR 11
and CISPR 32 Class B requirements. DRSS techniques reduce the peak harmonic EMI signature.
The LM5148 is provided in a 24-pin VQFN package with an exposed pad to aid in thermal dissipation.
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com