Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Configure PFM mode by connecting the PFM/SYNC of the primary to VDDA and the FB of the secondary to
VDDA as shown in Figure 8-7. Configure FPWM mode by connecting PFM/SYNC of the primary and FB of
the secondary both to AGND. An external synchronization signal can be applied to the primary PFM/SYNC
(SYNCIN), and the secondary FB must be configured for FPWM. If an external SYNCIN signal is applied after
start-up while in primary/secondary mode, there is a two-clock cycle delay before the LM5148 locks on to the
external synchronization signal.
Figure 8-7. Schematic Configured for Single-Output Dual-Phase Operation
Primary
Controller
SYNCOUT
EN CH2
EN CH1
Secondary
Controller
PFM/SYNC
EXTCOMP
CNFG
FB
EN
PGOOD/
SYNCOUT
V
OUT
V
OUT
VDDA
PFM/SYNC
EXTCOMP
CNFG
FB
EN
PGOOD/
SYNCOUT
R
CNFG1
54.9 k
R
CNFG2
90.9 k
R
PGOOD
20 k
R
FB1
R
FB2
VDDA
In PFM mode, the
controller enters pulse skipping to reduce the IQ current and improve the light-load efficiency. When this occurs,
the primary controller disables its synchronization clock output, so phase shedding is not supported. In PFM
mode connect the two enable pins together. Phase shedding is supported in FPWM only. In FPWM, enable
or disable the secondary controller as needed to support higher load current or better light-load efficiency,
respectively. When the secondary controller is disabled and then re-enabled, its internal soft start is pulled low
and the LM5148 goes through a normal soft-start turn-on.
When the LM5148 is configured for a single-output dual-phase operation using the internal 3.3-V feedback
resistor divider, the internal bootstrap UV circuit can source current out of the SW pin, charging up the output
capacitors approximately to 3.6 V. If this behavior is undesirable, you can add a 100-kΩ resistor from VOUT to
GND to bleed off the charge on the output capacitors.
For more information, see the Benefits of a Multiphase Buck Converter Technical Brief and Multiphase Buck
Design From Start to Finish Application Report.
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com