Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
8.2 Functional Block Diagram
+
–
800 mV
RT amp
BIAS
PLL and
OSCILLATORS
VDDA
CONTROL
HICCUP
FAULT TIMER
512 CYCLES
+
–
+
–
BOOT
UVLO
PG
DELAY
25 ms
FB
DECODER
/MUX
150 mV
Q
Q
R
S
CONFG
DECODER
+
–
CBOOT
CNFG
PFM/SYNC
RT
HO
SW
LO
PGND
VCC
PG
EXTCOMP
FB
VOUT
ISNS+
EN
AGND
VDDA
VCC
VCCX
VIN
DEM/FPWM
+
VCC
SOFT-START
DUAL RANDOM
SPREAD SPECTURM
(DRSS)
PG/SYNCOUT
PGO
PGUV
0.735 V
DRIVER
DRIVER
+
+
–
DRSS
ENABLE
SECONDARY
SECONDARY
GAIN = 10
VOUT
VREF 0.8 V
ILIM
HICCUP
3.3 V
5 V
12 V
SYNCOUT
LEVEL
SHIFT
ADAPTIVE
DEADTIME
SYNCOUT
CLK
INTERLEAVED
SECONDARY
INTERLEAVE
COMP/ENABLE
EXTERNAL EA
gm 1200 µS
VREF
INTERNAL EA
gm 30 µs
0.880 V
STANDBY
SS
DEM/FPWM
HICCUP
PWM
CLK
60 mV
CURRENT
LIMIT
ILIM
SLOPE
COMP
RAMP
+
+
–
–
+
–
+
–
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com