Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
9.2.2.3 Application Curves
Load (A)
0
1
2
3
4
5
6
7
8
70
75
80
85
90
95
100
VIN = 24 V
VIN = 36 V
VIN = 48 V
VIN = 60 V
12-V output
Figure 9-18. Efficiency vs. IOUT
Load (A)
0.001
0.01
0.1
1
8
60
65
70
75
80
85
90
95
100
VIN = 24 V
VIN = 36 V
VIN = 48 V
VIN = 60 V
12-V output
Figure 9-19. Efficiency vs. IOUT, Log Scale
SW 20V/DIV
VOUT 50mV/DIV
1 µs/DIV
8-A resistive load
Figure 9-20. Full load Switching
SW 20V/DIV
VOUT 200mV/DIV
5 ms/DIV
No load
Figure 9-21. PFM Switching
1 ms/DIV
VIN 10 V/DIV
VOUT 2 V/DIV
IOUT 2 A/DIV
PG 5 V/DIV
VIN step to 48 V
8-A resistive load
Figure 9-22. Start-Up Characteristic
20 ms/DIV
VOUT 50 mV/DIV
VIN 20V/DIV
VIN ramps from 24 to 72 V
4-A load
Figure 9-23. Line Transient Response to VIN = 72 V
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com