Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
When the LM5148 is configured as a primary controller, the PG/SYNC pin becomes a synchronization clock
output for the secondary controller. The synchronization signal is 180° out-of-phase with the primary HO driver
output.
8.3.5 Switching Frequency (RT)
Program the LM5148 oscillator with a resistor from RT to AGND to set an oscillator frequency from 100 kHz and
2.2 MHz. Calculate the RT resistance for a given switching frequency using Equation 4.
:
6
SW
T
10
53
F
(kHz)
R (k )
45
(4)
Under low VIN conditions when the on time of the high-side MOSFET exceeds the programmed oscillator period,
the LM5148 extends the switching period until the PWM latch is reset by the current sense ramp exceeding the
controller compensation voltage.
The approximate input voltage level at which this occurs is given by Equation 5.
SW
IN(min)
OUT
SW
OFF(min)
t
V
V
t
t
˜
(5)
where
• tSW is the switching period.
• tOFF(min) is the minimum off time of 90 ns.
8.3.6 Dual Random Spread Spectrum (DRSS)
The LM5148 provides a digital spread spectrum, which reduces the EMI of the power supply over a wide
frequency range. DRSS combines a low-frequency triangular modulation profile with a high frequency cycle-by-
cycle random modulation profile. The low-frequency triangular modulation improves performance in lower radio-
frequency bands, while the high-frequency random modulation improves performance in higher radio frequency
bands.
Spread spectrum works by converting a narrowband signal into a wideband signal that spreads the energy over
multiple frequencies. Because industry standards require different EMI receiver resolution bandwidth (RBW)
settings for different frequency bands, the RBW has an impact on the spread spectrum performance. DRSS
is able to simultaneously improve the EMI performance in the low and high RBWs using its low-frequency
triangular modulation profile and at high frequency cycle-by-cycle random modulation, respectively. DRSS can
reduce conducted emissions up to 15 dBμV in the low-frequency band (150 kHz to 30 MHz) and 5 dBμV in the
high-frequency band (30 MHz to 108 MHz).
To enable DRSS, connect either a 41.2-kΩ or 71.5-kΩ resistor from CNFG to AGND. DRSS is disabled when an
external clock is applied to the PFM/SYNC pin.
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com