Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7.5 Electrical Characteristics (continued)
TJ = –40°C to 125°C. Typical values are at TJ = 25°C and VIN = 12 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT-3.3V-EXT
3.3-V output voltage setpoint
RFB = 0 Ω, VIN = 3.8 V to 80 V, external
compensation
3.267
3.3
3.33
V
VOUT-5V–INT
5-V output voltage setpoint
RFB = 24.9 kΩ, VIN = 5.5 V to 80 V, internal
compensation
4.95
5.0
5.05
V
VOUT-5V–EXT
5-V output voltage setpoint
RFB = 24.9 kΩ, VIN = 5.5 V to 80 V, external
compensation
4.95
5.0
5.05
V
VOUT-12V-INT
12-V output setpoint
RFB = 48.7 kΩ, VIN = 24 V to 80 V, internal
compensation
11.88
12
12.12
V
VOUT-12V-EXT
12-V output setpoint
RFB = 48.7 kΩ, VIN = 24 V to 80 V, external
compensation
11.88
12
12.12
V
RFB-OPT1
5-V output select
23
25
27
kΩ
RFB-OPT2
12-V output select
47
50
53
kΩ
ERROR AMPLIFIER (COMP)
gm-EXTERNAL
EA transconductance, external
compensation
FB to COMP
1020
1200
µS
gm-INTERNAL
EA transconductance, internal
compensation
EXTCOMP 10 kΩ to VDDA
30
µS
IFB
Error amplifier input bias current
75
nA
VCOMP-CLAMP
COMP clamp voltage
VFB = 0 V
2.1
V
ICOMP-SRC
EA source current
VEXTCOMP = 1 V, VFB = 0.6 V
180
µA
ICOMP-SINK
EA sink current
VEXTCOMP = 1 V, VFB = 1 V
180
µA
RCOMP
Internal compensation
EXTCOMP 10 kΩ to VDDA
400
kΩ
CCOMP
Internal compensation
EXTCOMP 10 kΩ to VDDA
50
pF
CCOMP-HF
Internal compensation
EXTCOMP 10 kΩ to VDDA
1
pF
PULSE FREQUENCY MODULATION (PFM/SYNC)
VPFM-LO
PFM detection threshold low
0.8
V
VPFM-HI
PFM decection threshold high
2.0
V
VZC-SW
Zero-cross threshold
–5.5
mV
VZC-DIS
Zero-cross threshold disable
PFM/SYNC = 0 V, 1000 SW cycles after first
HO pulse
100
mV
FSYNCIN
Frequency sync range
RRT = 9.52 kΩ, ±20% of the nominal
oscillator frequency
1.74
2.7
MHz
tSYNC-MIN
Minimum pulse-width of external
synchronization signal
20
250
ns
tSYNCIN-HO
Delay from PFM faling edge to HO rising
edge
45
ns
tPFM-FILTER
SYNCIN to PFM mode
13
45
µs
DUAL RANDOM SPREAD SPECTRUM (DRSS)
ΔfC
Switching frequency percentage change
7
%
fm
Modulation frequency
8.2
16.2
kHz
SWITCHING FREQUENCY
VRT
RT pin regulation voltage
10 kΩ < RRT < 100 kΩ
0.5
V
FSW1
Switching frequency 1
RRT = 97.6 kΩ to AGND
0.22
MHz
FSW2
Switching frequency 2
VIN = 12 V, RRT = 9.52 kΩ to AGND
1.98
2.2
2.42
MHz
FSW3
Switching frequency 3
RRT = 220 kΩ to AGND
100
kHz
SLOPE1
Internal slope compensation 1
RRT = 9.52 kΩ
600
mV/µs
SLOPE2
Internal slope compensation 2
RRT = 97.6 kΩ
50
mV/µs
tON(min)
Minimum on-time
50
ns
tOFF(min)
Minimum off-time
90
ns
POWER GOOD (PG)
VPG-UV
Power Good UV trip level
Falling with respect to the regulated voltage
90%
92%
94%
VPG-OV
Power Good OV trip level
Rising with respect to the regulation voltage
108%
110%
112%
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com