Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 4 Page - Texas Instruments

  LM5145 Datasheet HTML 1Page - Texas Instruments LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
Table 6-1. Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
17
PG/SYNCOUT
O
An open-collector output that goes low if VOUT is outside the specified regulation window. The PG/
SYNCOUT pin of the primary controller in dual-phase mode provides a 180° phase-shifted SYNCOUT
signal.
18
PFM/SYNC
I
Connect PFM/SYNC to VDDA to enable diode emulation mode. Connect PFM to AGND to operate the
LM5148 in forced PWM (FPWM) mode with continuous conduction at light loads. PFM can also be used
as a synchronization input to synchronize the internal oscillator to an external clock signal.
19
EN
I
An active-high precision input with rising threshold of 1 V and hysteresis current of 10 µA. If the EN
voltage is less than 0.5 V, the LM5148 is in shutdown mode, unless a SYNC signal is present on PFM/
SYNC.
20
ISNS+
I
Current sense amplifier input. Connect this pin to the inductor side of the external current sense resistor
(or to the relevant sense capacitor terminal if inductor DCR current sensing is used) using a low-current
Kelvin connection.
21
VOUT
I
Output voltage sense and the current sense amplifier input. Connect VOUT to the output side of the
current sense resistor (or to the relevant sense capacitor terminal if inductor DCR current sensing is
used).
22
NC
—
Connect to GND at the exposed pad to improve heat spreading.
23
NC
—
Connect to GND at the exposed pad to improve heat spreading.
24
NC
—
Connect to GND at the exposed pad to improve heat spreading.
(1)
P = Power, G = Ground, I = Input, O = Output
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com