Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
9.4.2 Layout Example
Figure 9-47 shows a single-sided layout of a synchronous buck regulator with discrete power MOSFETs, Q1 and
Q2, in SON 5-mm × 6-mm case size. The power stage is surrounded by a GND pad geometry to connect an
EMI shield if needed. The design uses layer 2 of the PCB as a power-loop return path directly underneath the
top layer to create a low-area switching power loop of approximately 2 mm². This loop area, and hence parasitic
inductance, must be as small as possible to minimize EMI as well as switch-node voltage overshoot and ringing.
The high-frequency power loop current flows through MOSFETs Q1 and Q2, through the power ground plane
on layer 2, and back to VIN through the 0603 ceramic capacitors C15 through C18. The currents flowing in
opposing directions in the vertical loop configuration provide field self-cancellation, reducing parasitic inductance.
Figure 9-49 shows a side view to illustrate the concept of creating a low-profile, self-canceling loop in a
multilayer PCB structure. The layer-2 GND plane layer, shown in Figure 9-48, provides a tightly-coupled current
return path directly under the MOSFETs to the source terminals of Q2.
Four 10-nF input capacitors with small 0402 or 0603 case size are placed in parallel very close to the drain
of Q1. The low equivalent series inductance (ESL) and high self-resonant frequency (SRF) of the small
footprint capacitors yield excellent high-frequency performance. The negative terminals of these capacitors are
connected to the layer-2 GND plane with multiple 12-mil (0.3-mm) diameter vias, further minimizing parasitic
loop inductance.
Inductor
VIN
VOUT
GND
Input Caps
SW
PGND
VCC
G
AGND
VIN
GND
LO
GND
Copper island
connected to AGND pin
HO
Output Caps
Locate controller close
to the power stage
Shunt
Use paralleled 0402/0603 input capacitors close
to the FETs for VIN to PGND decoupling
Low-side
FET
High-side
FET
Place PGND vias close to the
source of the low-side FET
S
G S
SW
Use PGND keep-out to
minimize eddy currents
Figure 9-47. PCB Top Layer – High Density, Single-sided Design
Additional guidelines to improve noise immunity and reduce EMI are as follows:
• Make the ground connections to the LM5148 controller as shown in Figure 9-47. Create a power
ground directly connected to all high-power components and an analog ground plane for sensitive analog
components. The analog ground plane for AGND and power ground plane for PGND must be connected at a
single point directly under the IC – at the die attach pad (DAP).
• Connect the MOSFETs (switch node) directly to the inductor terminal with short copper connections (without
vias) as this net has high dv/dt and contributes to radiated EMI. The single-layer routing of the switch-node
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com