Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
7.6 Typical Characteristics (continued)
VIN = 12 V, unless otherwise specified
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
Figure 7-13. VCC Current Limit vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
4.9
4.95
5
5.05
5.1
Figure 7-14. VDDA Regulation Voltage vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
3
3.05
3.1
3.15
3.2
3.25
3.3
Rising
Falling
Figure 7-15. VDDA UVLO Thresholds vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
4
4.1
4.2
4.3
4.4
4.5
4.6
Rising
Falling
Figure 7-16. VCCX On, Off Thresholds vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
50
55
60
65
70
Figure 7-17. Current Sense (CS) Threshold vs Temperature
Figure 7-18. Current Sense (CS) Amplifier Gain vs Temperature
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com