Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
9.4.1.4 Thermal Design and Layout
The useful operating temperature range of a PWM controller with integrated gate drivers and bias supply LDO
regulator is greatly affected by the following:
• Average gate drive current requirements of the power MOSFETs
• Switching frequency
• Operating input voltage (affecting bias regulator LDO voltage drop and hence its power dissipation)
• Thermal characteristics of the package and operating environment
For a PWM controller to be useful over a particular temperature range, the package must allow for the efficient
removal of the heat produced while keeping the junction temperature within rated limits. The LM25148-Q1
controller is available in a small 4-mm × 4-mm 24-pin VQFN PowerPAD™ integrated circuit package to cover a
range of application requirements. Section 9.4.1.4 summarizes the thermal metrics of this package.
The 24-pin VQFN package offers a means of removing heat from the semiconductor die through the exposed
thermal pad at the base of the package. While the exposed pad of the package is not directly connected to
any leads of the package, it is thermally connected to the substrate of the LM25148-Q1 device (ground). This
allows a significant improvement in heat sinking, and it becomes imperative that the PCB is designed with
thermal lands, thermal vias, and a ground plane to complete the heat removal subsystem. The exposed pad of
the LM25148-Q1 is soldered to the ground-connected copper land on the PCB directly underneath the device
package, reducing the thermal resistance to a very low value.
Numerous vias with a 0.3-mm diameter connected from the thermal land to the internal and solder-side ground
plane or planes are vital to help dissipation. In a multi-layer PCB design, a solid ground plane is typically placed
on the PCB layer below the power components. Not only does this provide a plane for the power stage currents
to flow but it also represents a thermally conductive path away from the heat generating devices.
The thermal characteristics of the MOSFETs also are significant. The drain pads of the high-side MOSFETs are
normally connected to a VIN plane for heat sinking. The drain pads of the low-side MOSFETs are tied to the SW
plane, but the SW plane area is purposely kept as small as possible to mitigate EMI concerns.
9.4.1.5 Ground Plane Design
As mentioned previously, TI recommends using one or more of the inner PCB layers as a solid ground plane. A
ground plane offers shielding for sensitive circuits and traces and also provides a quiet reference potential for the
control circuitry. In particular, a full ground plane on the layer directly underneath the power stage components
is essential. Connect the source terminal of the low-side MOSFET and return terminals of the input and output
capacitors to this ground plane. Connect the PGND and AGND pins of the controller at the DAP and then
connect to the system ground plane using an array of vias under the DAP. The PGND nets contain noise at the
switching frequency and can bounce because of load current variations. The power traces for PGND, VIN, and
SW can be restricted to one side of the ground plane, for example on the top layer. The other side of the ground
plane contains much less noise and is ideal for sensitive analog trace routes.
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
56
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com