Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
7.6 Typical Characteristics (continued)
VIN = 12 V, unless otherwise specified
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
4.95
4.975
5
5.025
5.05
Figure 7-7. Fixed 5-V Output Voltage vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
788
792
796
800
804
808
812
Figure 7-8. Feedback Voltage vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
104
105
106
107
108
109
110
111
112
Rising
Falling
Figure 7-9. PG OV Thresholds vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
90
91
92
93
94
95
96
97
98
Falling
Rising
Figure 7-10. PG UV Thresholds vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
IVCC = 0 mA
IVCC = 100 mA
Figure 7-11. VCC Regulation Voltage vs Temperature
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
150
3.1
3.2
3.3
3.4
3.5
3.6
Rising
Falling
Figure 7-12. VCC UVLO Thresholds vs Temperature
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com