Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 30 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 26Page - Texas Instruments AFE7901 Datasheet HTML 27Page - Texas Instruments AFE7901 Datasheet HTML 28Page - Texas Instruments AFE7901 Datasheet HTML 29Page - Texas Instruments AFE7901 Datasheet HTML 30Page - Texas Instruments AFE7901 Datasheet HTML 31Page - Texas Instruments AFE7901 Datasheet HTML 32Page - Texas Instruments AFE7901 Datasheet HTML 33Page - Texas Instruments AFE7901 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 160 page
background image
7.8 Digital Electrical Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CML SerDes Inputs [8:1]SRX+/-
VSRDIFF
SerDes Receiver Input Amplitude
differential
100
1200
mVpp
VSRCOM
SerDes Input Common Mode
400
mV
ZSRdiff
SerDes Internal Differential
Termination(1)
100
Ω
FSerDes
SerDes Bit Rate
Full rate mode
19
29.5
Gbps
Half rate mode
9.5
16.25
Gbps
Quarter rate mode
4.75
8.125
Gbps
Insertion Loss Tolerance(2)
Serdes supply = 1.8V
25
dB
TJ
Total Jitter Tolerance
0.42
UI
CML SerDes Outputs [8:1]STX+/-
VSTDIFF
SerDes Transmitter Output Amplitude
differential
500
1000
mVpp
VSTCOM
SerDes Output Common Mode
0.4
0.45
0.55
V
ZSTdiff
SerDes Output Impedance
100
Ω
TRF
Output rise and fall time
20-80%
8
ps
TEQS
Equalization range
7
dB
TTJ
Output total jitter
0.21
UI
CMOS I/O: GPIO{B/C/D/E}x, SPICLK, SPISDIO, SPISDO, SPISEN, RESETZ, BISTB0, BISTB1
VIH
High-Level Input Voltage
0.6×VDD1
P8GPIO
V
VIL
Low-Level Input Voltage
0.4×VDD1
P8GPIO
V
IIH
High-Level Input Current
–250
250
µA
IIL
Low-Level Input Current
–250
250
µA
CL
CMOS input capacitance
2
pF
VOH
High-Level Input Voltage
VDD1P8G
PIO–0.2
V
VOL
Low-Level Input Voltage
0.2
V
Differential Inputs: SYSREF+/- Mode A
FSYSREFMAX
SYSREF Input Frequency Maximum
40
MHz
VSWINGSRMAX
SYSREF Input Swing Maximum
1.8
Vppdiff(3)
VSWINGSRMIN
SYSREF Input Swing Minimum
fREF < 500MHz
0.3
Vppdiff(3)
VSWINGSRMIN
SYSREF Input Swing Minimum
fREF > 500MHz
0.6
Vppdiff(3)
VCOMSRMAX
SYSREF Input Common Mode Voltage
Maximum
0.8
V
VCOMSRMIN
SYSREF Input Common Mode Voltage
Minimum
0.6
V
ZT
Input termination
differential
100 (1)
Ω
CL
Input capacitance
Each pin to GND
0.5
pF
LVDS Inputs: 0SYNCIN+/- and 1SYNCIN+/-
VICOM
Input Common Voltage
1.2
V
VID
Differential Input Voltage swing
450
Vppdiff(3)
ZT
Input termination
differential
100
Ω
LVDS Outputs: 0SYNCOUT+/- and 1SYNCOUT+/-
VOCOM
Output Common Voltage
1.2
V
VOD
Differential Output Voltage swing
500
Vppdiff(3)
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com