Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 5 Page - Texas Instruments

  AFE7901 Datasheet HTML 1Page - Texas Instruments AFE7901 Datasheet HTML 2Page - Texas Instruments AFE7901 Datasheet HTML 3Page - Texas Instruments AFE7901 Datasheet HTML 4Page - Texas Instruments AFE7901 Datasheet HTML 5Page - Texas Instruments AFE7901 Datasheet HTML 6Page - Texas Instruments AFE7901 Datasheet HTML 7Page - Texas Instruments AFE7901 Datasheet HTML 8Page - Texas Instruments AFE7901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 160 page
background image
Table 6-1. Pin Functions (continued)
BALL NAME
BALL NUMBER
TYPE(1)
DESCRIPTION
2RXIN+
A7
I
Receiver Channel 2 RF input: positive terminal. Unused RX
inputs can be left open.
3RXIN–
Y11
I
Receiver Channel 3 RF input: negative terminal.
3RXIN+
Y12
I
Receiver Channel 3 RF input: positive terminal. Unused RX
inputs can be left open.
4RXIN–
Y8
I
Receiver Channel 4 RF input: negative terminal. Unused RX
inputs can be left open.
4RXIN+
Y7
I
Receiver Channel 4 RF input: positive terminal. Unused RX
inputs can be left open.
1TXOUT–
F20
O
Transmitter Channel 1 RF output: negative terminal. Connect
to 1.8 V when not used.
1TXOUT+
G20
O
Transmitter Channel 1 RF output: positive terminal. Connect
to 1.8 V when not used.
2TXOUT–
C20
O
Transmitter Channel 2 RF output: negative terminal. Connect
to 1.8 V when not used.
2TXOUT+
B20
O
Transmitter Channel 2 RF output: positive terminal. Connect
to 1.8 V when not used.
3TXOUT–
R20
O
Transmitter Channel 3 RF output: negative terminal. Connect
to 1.8 V when not used.
3TXOUT+
P20
O
Transmitter Channel 3 RF output: positive terminal. Connect
to 1.8 V when not used.
4TXOUT–
V20
O
Transmitter Channel 4 RF output: negative terminal. Connect
to 1.8 V when not used.
4TXOUT+
W20
O
Transmitter Channel 4 RF output: positive terminal. Connect
to 1.8 V when not used.
DIFFERENTIAL CLOCKS INPUTS
REFCLK–
L17
I
Reference Clock Inputs: negative terminal
REFCLK+
K17
I
Reference Clock Inputs: positive terminal
SYSREF–
L19
I
SYSREEF inputs: negative terminals
SYSREF+
K19
I
SYSREEF inputs: positive terminals
SerDes CML INTERFACE
1SRX–
A2
I
CML SerDes Interface Lane 1 input: negative terminal.
Unused Serdes inputs can be left open.
1SRX+
A3
I
CML SerDes Interface Lane 1 input: positive terminal.
Unused Serdes inputs can be left open.
2SRX–
C1
I
CML SerDes Interface Lane 2 input: negative terminal.
Unused Serdes inputs can be left open.
2SRX+
B1
I
CML SerDes Interface Lane 2 input: positive terminal.
Unused Serdes inputs can be left open.
3SRX–
F1
I
CML SerDes Interface Lane 3 input: negative terminal
3SRX+
E1
I
CML SerDes Interface Lane 3 input: positive terminal.
Unused Serdes inputs can be left open.
4SRX–
J1
I
CML SerDes Interface Lane 4 input: negative terminal
4SRX+
H1
I
CML SerDes Interface Lane 4 input: positive terminal
5SRX–
M1
I
CML SerDes Interface Lane 5 input: negative terminal.
Unused Serdes inputs can be left open.
5SRX+
N1
I
CML SerDes Interface Lane 5 input: positive terminal
6SRX–
R1
I
CML SerDes Interface Lane 6 input: negative terminal
6SRX+
T1
I
CML SerDes Interface Lane 6 input: positive terminal.
Unused Serdes inputs can be left open.
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com