Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 20 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 16Page - Texas Instruments AFE7901 Datasheet HTML 17Page - Texas Instruments AFE7901 Datasheet HTML 18Page - Texas Instruments AFE7901 Datasheet HTML 19Page - Texas Instruments AFE7901 Datasheet HTML 20Page - Texas Instruments AFE7901 Datasheet HTML 21Page - Texas Instruments AFE7901 Datasheet HTML 22Page - Texas Instruments AFE7901 Datasheet HTML 23Page - Texas Instruments AFE7901 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 160 page
background image
7.5 Transmitter Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS,
fDAC = 11796.48MSPS below 6GHz and fDAC = 9000MSPS above 6GHz; PLL clock mode below 6GHz output frequency
and External clock mode above 6GHz output frequency; interleave mode for 1st Nyquist, non-interleave mix mode for 2nd
Nyquist, nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; TX clock dither enabled, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NSDdBFS
Noise Spectral Density 20MHz offset
Fout =4.9 GHz
Atten=0dB, fDAC = 11796.48MSPS,
Pout=-13dBFs
-154.6
dBFS/
Hz
Atten=20dB, fDAC = 11796.48MSPS,
Pout=-13dBFs
-147.0
dBFS/
Hz
Atten=28dB, fDAC = 11796.48MSPS,
Pout=-13dBFs
-140.7
dBFS/
Hz
Atten=39dB, fDAC = 11796.48MSPS,
Pout=-13dBFs
-129.9
dBFS/
Hz
S22
Output Return Loss, +/- fc * 10%
with matching
-12
dB
Isolation
Near Channel:
1TXOUT to 2TXOUT or 3TXOUT to
4TXOUT(1)
fout = 10 MHz, fDAC =6000MSPS,
straight mode(3)
-96
dB
fout = 30 MHz, fDAC = 6000MSPS,
straight mode(3)
-97
dB
fout = 100 MHz, fDAC = 6000MSPS,
straight mode(3)
-102
dB
fout = 400 MHz, fDAC = 6000MSPS,
straight mode(4)
-85
dB
fout = 900 MHz, fDAC = 8847.36MSPS,
straight mode
-80
dB
fout = 1850 MHz, fDAC =
8847.36MSPS, straight mode
-77
dB
fout = 2600 MHz, fDAC =
8847.36MSPS, straight mode
-64
dB
fout = 3500 MHz, fDAC =
8847.36MSPS, straight mode
-61
dB
fout= 4900 MHz, fDAC =
8847.36MSPS, straight mode
-60
dB
Isolation
Far Channel:
1/2TXOUT to 3/4TXOUT
fout = 10 MHz, fDAC =6000MSPS,
straight mode(3)
-104
dB
fout = 30 MHz, fDAC = 6000MSPS,
straight mode(3)
-100
dB
fout = 100 MHz, fDAC = 6000MSPS,
straight mode(3)
-105
dB
fout = 400 MH, fDAC = 6000MSPS,
straight mode(4)
-97
dB
fout = 900 MHz, fDAC = 8847.36MSPS,
straight mode
-90
dB
fout = 1850 MHz, fDAC =
8847.36MSPS, straight mode
-91
dB
fout = 2600 MHz, fDAC =
8847.36MSPS, straight mode
-93
dB
fout = 3500 MHz, fDAC =
8847.36MSPS, straight mode
-94
dB
fout= 4900 MHz, fDAC =
8847.36MSPS, straight mode
-83.2
dB
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com