Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 90 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 86Page - Texas Instruments AFE7901 Datasheet HTML 87Page - Texas Instruments AFE7901 Datasheet HTML 88Page - Texas Instruments AFE7901 Datasheet HTML 89Page - Texas Instruments AFE7901 Datasheet HTML 90Page - Texas Instruments AFE7901 Datasheet HTML 91Page - Texas Instruments AFE7901 Datasheet HTML 92Page - Texas Instruments AFE7901 Datasheet HTML 93Page - Texas Instruments AFE7901 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 160 page
background image
7.12.9 TX Typical Characteristics at 800 MHz
Typical values at TA = +25°C with nominal supplies. Unless otherwise noted, TX input data rate = 491.52 MSPS, fDAC =
11796.48 MSPS, interleave mode, AOUT = –1 dBFS, 1st Nyquist zone output, Internal PLL, fREF = 491.52 MSPS, 24x
Interpolation, DSA = 0 dB, Sin(x)/x enabled, DSA calibrated, TX Clock Dither Enabled
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
3
3.5
4
4.5
5
5.5
6
6.5
1TX
2TX
3TX
4TX
Including PCB and cable losses, Aout = -0.5dFBS, DSA = 0,
0.8 GHz matching
Figure 7-303. TX Full Scale vs RF Frequency and Channel at
5898.24 MSPS, Straight Mode
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
2.5
3
3.5
4
4.5
5
5.5
1TX
2TX
3TX
4TX
Including PCB and cable losses, Aout = -0.5 dFBS, DSA = 0,
0.8 GHz matching
Figure 7-304. TX Full Scale vs RF Frequency and Channel at
8847.36 MSPS, Straight Mode
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
1TX
2TX
3TX
4TX
Including PCB and cable losses, Aout = -0.5 dFBS, DSA = 0,
0.8 GHz matching
Figure 7-305. TX Full Scale vs RF Frequency and Channel at
5898.24 MSPS, Interleave Mode
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
2.5
3
3.5
4
4.5
5
5.5
6
6.5
1TX
2TX
3TX
4TX
Including PCB and cable losses, Aout = -0.5 dFBS, DSA = 0,
0.8 GHz matching
Figure 7-306. TX Full Scale vs RF Frequency and Channel at
8847.36 MSPS, Interleave Mode
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
2.5
3
3.5
4
4.5
5
5.5
6
6.5
1TX
2TX
3TX
4TX
Including PCB and cable losses, Aout = -0.5 dFBS, DSA = 0,
0.8 GHz matching
Figure 7-307. TX Full Scale vs RF Frequency and Channel at
11796.48 MSPS, Interleave Mode
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
-2
-1
0
1
2
3
4
5
6
7
fDAC=5898.24MSPS, straight mode
fDAC=5898.24MSPS, interleave mode
fDAC=8847.36MSPS, straight mode
fDAC=8847.36MSPS, interleave mode
fDAC=11796.48MSPS, straight mode
fDAC=11796.48MSPS, interleave mode
including PCB and cable losses, Aout = -0.5 dFBS, DSA = 0,
0.8 GHz matching
Figure 7-308. TX Output Fullscale vs Output Frequency
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
90
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com