Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 72 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 72 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 68Page - Texas Instruments AFE7901 Datasheet HTML 69Page - Texas Instruments AFE7901 Datasheet HTML 70Page - Texas Instruments AFE7901 Datasheet HTML 71Page - Texas Instruments AFE7901 Datasheet HTML 72Page - Texas Instruments AFE7901 Datasheet HTML 73Page - Texas Instruments AFE7901 Datasheet HTML 74Page - Texas Instruments AFE7901 Datasheet HTML 75Page - Texas Instruments AFE7901 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 160 page
background image
7.12.7 RX Typical Characteristics 6.8 GHz
Typical values at TA = +25°C. Default conditions at 30 MHz: ADC Sampling Rate = 3000MSPS, output sample rate = 500
MSPS (decimate by 6x), External clock mode , AIN = –3 dBFS, DSA setting = 3 dB.
Input Frequency (MHz)
6400
6450
6500
6550
6600
6650
6700
6750
6800
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
DSA = 0
DSA = 2
DSA = 4
DSA = 6
DSA = 8
DSA = 10
DSA = 12
DSA = 14
DSA = 16
DSA = 20
DSA = 24
Normalized to 6.6GHz
Figure 7-202. RX In-Band Gain Flatness
DSA Setting (dB)
0
2
4
6
8
10 12 14 16 18 20 22 24 26
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40
C
25
C
110
C
Figure 7-203. RX Uncalibrated Differential Amplitude Error at
6.851 GHz
DSA Setting (dB)
0
2
4
6
8
10 12 14 16 18 20 22 24 26
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
-40
C
25
C
110
C
Calibrated at 25°C, held at -40 and 110°C
Figure 7-204. RX Calibrated Differential Amplitude Error at 6.851
GHz
Figure 7-205. RX Uncalibrated Integrated Amplitude Error at
6.851 GHz
DSA Setting (dB)
0
2
4
6
8
10 12 14 16 18 20 22 24 26
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
-40
C
25
C
110
C
Calibrated at 25°C, held at -40 and 110°C
Figure 7-206. RX Calibrated Integrated Amplitude Error at 6.851
GHz
Figure 7-207. RX Uncalibrated Differential Phase Error at 6.851
GHz
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
72
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com