Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 2Page - Texas Instruments AFE7901 Datasheet HTML 3Page - Texas Instruments AFE7901 Datasheet HTML 4Page - Texas Instruments AFE7901 Datasheet HTML 5Page - Texas Instruments AFE7901 Datasheet HTML 6Page - Texas Instruments AFE7901 Datasheet HTML 7Page - Texas Instruments AFE7901 Datasheet HTML 8Page - Texas Instruments AFE7901 Datasheet HTML 9Page - Texas Instruments AFE7901 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 160 page
background image
Table 6-1. Pin Functions (continued)
BALL NAME
BALL NUMBER
TYPE(1)
DESCRIPTION
7SRX–
V1
I
CML SerDes Interface Lane 7 input: negative terminal
7SRX+
W1
I
CML SerDes Interface Lane 7 input: positive terminal.
Unused Serdes inputs can be left open.
8SRX–
Y2
I
CML SerDes Interface Lane 8 input: negative terminal
8SRX+
Y3
I
CML SerDes Interface Lane 8 input: positive terminal.
Unused Serdes inputs can be left open.
1STX–
C3
O
CML SerDes Interface Lane 1 output: negative terminal.
Unused Serdes outputs can be left open.
1STX+
C4
O
CML SerDes Interface Lane 1 output: positive terminal.
Unused Serdes outputs can be left open.
2STX–
E3
O
CML SerDes Interface Lane 2 output: negative terminal.
Unused Serdes outputs can be left open.
2STX+
E4
O
CML SerDes Interface Lane 2 output: positive terminal.
Unused Serdes outputs can be left open.
3STX–
G4
O
CML SerDes Interface Lane 3 output: negative terminal.
Unused Serdes outputs can be left open.
3STX+
G3
O
CML SerDes Interface Lane 3 output: positive terminal.
Unused Serdes outputs can be left open.
4STX–
J4
O
CML SerDes Interface Lane 4 output: negative terminal.
Unused Serdes outputs can be left open.
4STX+
J3
O
CML SerDes Interface Lane 4 output: positive terminal.
Unused Serdes outputs can be left open.
5STX–
M4
O
CML SerDes Interface Lane 5 output: negative terminal.
Unused Serdes outputs can be left open.
5STX+
M3
O
CML SerDes Interface Lane 5 output: positive terminal.
Unused Serdes outputs can be left open.
6STX–
P4
O
CML SerDes Interface Lane 6 output: negative terminal.
Unused Serdes outputs can be left open.
6STX+
P3
O
CML SerDes Interface Lane 6 output: positive terminal.
Unused Serdes outputs can be left open.
7STX–
T3
O
CML SerDes Interface Lane 7 output: negative terminal.
Unused Serdes outputs can be left open.
7STX+
T4
O
CML SerDes Interface Lane 7 output: positive terminal.
Unused Serdes outputs can be left open.
8STX–
V3
O
CML SerDes Interface Lane 8 output: negative terminal.
Unused Serdes outputs can be left open.
8STX+
V4
O
CML SerDes Interface Lane 8 output: positive terminal.
Unused Serdes outputs can be left open.
GPIO FUNCTIONS
GBL_0_GPIO13
V6
I/O
GPIO.
GBL_1_FBTDD2
R6
I/O
Default location of FB TDD2 input signal.
GBL_2_FSPICLKC
U5
I/O
Default and recommended location of FSPI C clock (FSPI for
factory use only, available as generic GPIO).
GBL_3_GPIO14
R5
I/O
GPIO.
GBL_4_RXDLNB
T5
I/O
Default location of RX channel D AGC LNA Bypass output
signal.
GBL_5_GPIO15
N10
I/O
GPIO.
GBL_6_GPIO16
P10
I/O
GPIO.
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com