Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 1 Page - Texas Instruments

  AFE7901 Datasheet HTML 1Page - Texas Instruments AFE7901 Datasheet HTML 2Page - Texas Instruments AFE7901 Datasheet HTML 3Page - Texas Instruments AFE7901 Datasheet HTML 4Page - Texas Instruments AFE7901 Datasheet HTML 5Page - Texas Instruments AFE7901 Datasheet HTML 6Page - Texas Instruments AFE7901 Datasheet HTML 7Page - Texas Instruments AFE7901 Datasheet HTML 8Page - Texas Instruments AFE7901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
1 Features
• Request full data sheet
• Quad RF sampling 12-GSPS transmit DACs
• Quad RF sampling 3-GSPS receive ADCs
• Maximum RF signal bandwidth per TX or RX: 400
MHz
• RF frequency range: 5 MHz - 7.4 GHz
• Digital step attenuators (DSA):
– TX: 40 dB range, 0.125-dB steps
– RX: 25 dB range, 0.5-dB steps
• Single or dual-band DUC or DDCs for TX and RX
• 16x NCOs per TX or RX
• Optional Internal PLL or VCO for DAC or ADC
clocks or external clock at DAC or ADC sample
rate
• Sysref Alignment Detector
• SerDes data interface:
– JESD204B and JESD204C compatible
– 8 SerDes transceivers up to 29.5 Gbps
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch
2 Applications
• Radar
• Seeker front end
• Defense radio
• Tactical communications infrastructure
• Wireless communications test
3 Description
The
AFE7901
is
a
high
performance,
wide
bandwidth multi-channel transceiver, integrating four
RF sampling transmitter chains and four RF sampling
receiver chains. With operation up to 7.4 GHz, this
device enables direct RF sampling in the L, S and C-
band frequency ranges without the need for additional
frequency conversions stages. This improvement in
density and flexibility enables high-channel-count,
multi-mission systems.
The TX signal paths support interpolation and digital
up conversion options that deliver up to 400 MHz of
signal bandwidth per TX path using a single or dual
digital up converter. The output of the DUCs drives
a 12-GSPS DAC (digital to analog converter) with a
mixed mode output option to enhance 2nd Nyquist
operation. The DAC output includes a variable gain
amplifier (TX DSA) with 40-dB range and 1-dB analog
and 0.125-dB digital steps.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE
AFE7901
FC-BGA
17.00 mm × 17.00 mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
Buffer
SHA
ADC
Buffer
SHA
ADC
Buffer
SHA
1TX+/-
ADC
Buffer
SHA
ADC
CLKIN+/-
SYSREF+/-
PLL
DAC
RX
DDC
RX
DDC
DUC
DUC
DUC
DUC
RX
DDC
RX
DDC
2TX+/-
3TX+/-
4TX+/-
1RX+/-
2RX+/-
4RX+/-
3RX+/-
DAC
1SRX+/-
8SRX+/-
2SRX+/-
3SRX+/-
4SRX+/-
5SRX+/-
6SRX+/-
7SRX+/-
1STX+/-
8STX+/-
2STX+/-
3STX+/-
4STX+/-
5STX+/-
6STX+/-
7STX+/-
DAC
DSA
DSA
DSA
DSA
DSA
DSA
DSA
DSA
DAC
Functional Block Diagram
AFE7901
SBASAO5 – APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFE7901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI-AFE7900 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7900IABJ TI1-AFE7900IABJ Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900IABJ TI-AFE7900IABJ Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7900IALK TI-AFE7900IALK Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
More results

Similar Description - AFE7901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7955 TI1-AFE7955 Datasheet
15Mb / 126P
AFE7955 2T3R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com