Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 27 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 23Page - Texas Instruments AFE7901 Datasheet HTML 24Page - Texas Instruments AFE7901 Datasheet HTML 25Page - Texas Instruments AFE7901 Datasheet HTML 26Page - Texas Instruments AFE7901 Datasheet HTML 27Page - Texas Instruments AFE7901 Datasheet HTML 28Page - Texas Instruments AFE7901 Datasheet HTML 29Page - Texas Instruments AFE7901 Datasheet HTML 30Page - Texas Instruments AFE7901 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 160 page
background image
7.6 RF ADC Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; RX Output Rate = 491.52MSPS,
fADC = 2949.12MSPS; PLL clock mode with fREF = 491.52MHz; nominal power supplies; DSA Setting =3dB; SerDes rate
=24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TX-RX Isolation
1TXOUT to 1RXIN
3TXOUT to 2RXIN
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
-105
dB
fIN = 30 MHz, fADC = 1500MSPS, fNCO
= 30MHz, Decimate by 24
-101
dB
fIN = 400 MHz
-99
dB
fIN = 830 MHz
-86
dB
fIN = 1760 MHz
-87
dB
fIN = 2610 MHz
-84
dB
fIN = 3610 MHz
-82
dB
fIN = 4910 MHz
-82
dB
(1)
The input fullscale at minimum attenuation can be reduce by adding a digital gain range to the DSA, extending the useful range of the
DSA. The noise figure remains constant over the digital gain range.
(2)
After HD2 trim on specific printed circuit board.
(3)
From DSA = 3dB down to 0dB, NSD increases 1dB per DSA dB
(4)
NF increase 1dB per DSA 1dB above DSA = 3dB
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com