Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 32 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 28Page - Texas Instruments AFE7901 Datasheet HTML 29Page - Texas Instruments AFE7901 Datasheet HTML 30Page - Texas Instruments AFE7901 Datasheet HTML 31Page - Texas Instruments AFE7901 Datasheet HTML 32Page - Texas Instruments AFE7901 Datasheet HTML 33Page - Texas Instruments AFE7901 Datasheet HTML 34Page - Texas Instruments AFE7901 Datasheet HTML 35Page - Texas Instruments AFE7901 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 160 page
background image
7.9 Power Supply Electrical Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 500MSPS, RX
Output Rate = 500MSPS, fDAC = 9000MSPS interleave mode; fADC = 3000MSPS; nominal power supplies; 1 tone at -1 dBFS;
DSA Attenuation =0dB; SerDes rate = 20Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 1: 4T4R - TDD with TX 75%, RX
25%
TX Dual Band: 72x Int, TX Rate 125
MSPS
RX Dual Band: 24x Dec, RX Rate 125
MSPS
fDAC = 9000MSPS, fOUT=fIN= 1.9, 2.6 GHz
fADC = 3000MSPS
JESD: 8/10 coding, 20Gbps
TX: 2-16-16-1, RX: 2-16-16-1
588
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
439
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
74
mA
IVDD1P2
Group 2: VDD1P2FB + VDD1P2RX +
VDD1P2TXCLK + VDD1P2TXENC +
VDD1P2FBCML + VDD1P2RXCML +
VDD1P2PLLCLKREF
1191
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
1928
mA
Pdiss
Power Dissipation
5196
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 2: 4T4R - FDD
TX Dual Band: 96x Int, TX Rate 125
MSPS
RX Dual Band: RX 24x, RX Rate 125
MSPS
fDAC = 12 GSPS, fTX = 1.85 GHz
fADC = 3 GSPS, fRX = 1.75 GHz
JESD: 8/10 coding, 20Gbps
TX: 2-16-16-1, RX: 2-16-16-1
1146
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
553
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
78
mA
IVDD1P2
Group 2: VDD1P2FB + VDD1P2RX +
VDD1P2TXCLK + VDD1P2TXENC +
VDD1P2FBCML + VDD1P2RXCML +
VDD1P2PLLCLKREF
2152
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
3217
mA
Pdiss
Power Dissipation
8757
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 3: 4T4R - FDD
TX Single Band: 96x Int, TX Rate 125
MSPS
RX Single Band: RX 24x, RX Rate 125
MSPS
fDAC = 12 GSPS, fTX = 1.85 GHz
fADC = 3 GSPS, fRX = 1.75 GHz
JESD: 8/10 coding, 20Gbps
TX: 1-8-16-1, RX: 1-8-16-1
1146
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
546
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
78
mA
IVDD1P2
Group 2: VDD1P2FB + VDD1P2RX +
VDD1P2TXCLK + VDD1P2TXENC +
VDD1P2FBCML + VDD1P2RXCML +
VDD1P2PLLCLKREF
2144
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
2904
mA
Pdiss
Power Dissipation
8444
mW
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com