Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 34 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 30Page - Texas Instruments AFE7901 Datasheet HTML 31Page - Texas Instruments AFE7901 Datasheet HTML 32Page - Texas Instruments AFE7901 Datasheet HTML 33Page - Texas Instruments AFE7901 Datasheet HTML 34Page - Texas Instruments AFE7901 Datasheet HTML 35Page - Texas Instruments AFE7901 Datasheet HTML 36Page - Texas Instruments AFE7901 Datasheet HTML 37Page - Texas Instruments AFE7901 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 160 page
background image
7.10 Timing Requirements
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS,
fDAC = 8847.36MSPS; fADC = 2949.12MSPS; nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; SerDes rate
= 24.33Gbps; unless otherwise noted.
MIN
NOM
MAX
UNIT
Timing: SYSREF+/-
ts(SYSREF)
Setup Time, SYSREF+/- Valid to Rising Edge of CLK+/-
50
ps
th(SYSREF)
Hold Time, SYSREF+/- Valid after Rising Edge of CLK+/-
50
ps
Timing: Serial ports
ts(SENB)
Setup Time, SENB to Rising Edge of SCLK
15
ns
th(SENB)
Hold Time, SENB after last Rising Edge of SCLK (1)
5 + tSCLK
ns
ts(SDIO)
Setup Time, SDIO valid to Rising Edge of SCLK
15
ns
th(SDIO)
Hold Time, SDIO valid after Rising Edge of SCLK
5
ns
t(SCLK)_W
Minimum SCLK period: registers write
25
ns
t(SCLK)_R
Minimum SCLK period: registers read
50
ns
td(data_out)
Minimum Data Output delay after Falling Edge of SCLK
0
ns
Maximum Data Output delay after Falling Edge of SCLK
15
ns
tRESET
Minimum RESETZ Pulse Width
1
ms
(1)
SDEN need to be held one more extra clock cycle with the last SCLK edge
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com