Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 56 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 52Page - Texas Instruments AFE7901 Datasheet HTML 53Page - Texas Instruments AFE7901 Datasheet HTML 54Page - Texas Instruments AFE7901 Datasheet HTML 55Page - Texas Instruments AFE7901 Datasheet HTML 56Page - Texas Instruments AFE7901 Datasheet HTML 57Page - Texas Instruments AFE7901 Datasheet HTML 58Page - Texas Instruments AFE7901 Datasheet HTML 59Page - Texas Instruments AFE7901 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 160 page
background image
7.12.4 RX Typical Characteristics 2.6 GHz
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52 MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Input Frequency (MHz)
2350 2400 2450 2500 2550 2600 2650 2700 2750 2800
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
DSA=4dB
DSA=6dB
DSA=8dB
DSA=10dB
DSA=12dB
DSA=14dB
With matching, normalized to power at 2.6 GHz for each DSA
setting
Figure 7-111. RX Inband Gain Flatness, fIN = 2600 MHz
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
1RX
2RX
3RX
4RX
With 2.6 GHz matching, normalized to fullscale at 25°C for
each channel
Figure 7-112. RX Input Fullscale vs Temperature and Channel at
2.6 GHz
DSA Setting (dB)
0
2
4
6
8
10
12
14
16
18
20
22
24
-10
-8
-6
-4
-2
0
2
4
6
8
10
1RX
2RX
3RX
4RX
With 2.6 GHz matching
Integrated Phase Error = Phase(DSA Setting) – Phase(DSA
Setting = 0)
Figure 7-113. RX Calibrated Integrated Phase Error vs DSA
Setting at 2.6 GHz
Frequency (MHz)
-250
250
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR=62.5dBFS
With 2.6 GHz matching, fIN = 2610 MHz, AIN= –3 dBFS
Figure 7-114. RX Output FFT at 2.6 GHz
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-156
-155.5
-155
-154.5
-154
-153.5
-153
-152.5
-152
DSA = 4
DSA = 12
With 2.6 GHz matching, 12.5-MHz offset from tone
Figure 7-115. RX Noise Spectral Density vs Temperature at 2.6
GHz
Input Amplitude (dBFS)
-30
-25
-20
-15
-10
-5
0
-156
-155
-154
-153
-152
-151
-150
-40qC
25qC
105qC
With 2.6 GHz matching, DSA Setting = 12 dB, 12.5-MHz offset
from tone
Figure 7-116. RX Noise Spectral Density vs Input Amplitude and
Temperature at 2.6 GHz
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
56
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com