Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 22 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 18Page - Texas Instruments AFE7901 Datasheet HTML 19Page - Texas Instruments AFE7901 Datasheet HTML 20Page - Texas Instruments AFE7901 Datasheet HTML 21Page - Texas Instruments AFE7901 Datasheet HTML 22Page - Texas Instruments AFE7901 Datasheet HTML 23Page - Texas Instruments AFE7901 Datasheet HTML 24Page - Texas Instruments AFE7901 Datasheet HTML 25Page - Texas Instruments AFE7901 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 160 page
background image
7.6 RF ADC Electrical Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; RX Output Rate = 491.52MSPS,
fADC = 2949.12MSPS; PLL clock mode with fREF = 491.52MHz; nominal power supplies; DSA Setting =3dB; SerDes rate
=24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADCRES
ADC resolution
14
bits
FRFin
RF input frequency range
5
7400
MHz
PFS_CW,min
Min Full scale input power, at device
pins (1)
fIN = 5 MHz, DSA=0dB, fADC =
1500MSPS, fNCO = 17MHz, Decimate
by 48
-0.4
dBm
fIN = 30 MHz, DSA=0dB, fADC =
1500MSPS, fNCO = 30MHz, Decimate
by 24
-2.2
dBm
fIN = 410 MHz, DSA=0dB, fADC
= 3000MSPS, fNCO = 400MHz,
Decimate by 12
-2.5
dBm
fIN = 830 MHz, DSA=0dB
-2.9
dBm
fIN = 1760 MHz, DSA=0dB
-2.8
dBm
fIN = 2610 MHz, DSA=0dB
-1.8
dBm
fIN = 3610 MHz, DSA=0dB
-0.4
dBm
fIN = 4910 MHz, DSA=0dB
0.1
dBm
PFS_CW,MAX
MAX Full scale input power - reliability
limited, at device pins
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
19.7
dBm
fIN = 30 MHz, fADC = 1500MSPS, fNCO
= 30MHz, Decimate by 24
17.8
dBm
fIN = 410 MHz, fADC =
3000MSPS, fNCO = 400MHz,
Decimate by 24
17.6
dBm
fIN = 830 MHz
16.7
dBm
fIN = 1760 MHz
17.0
dBm
fIN = 2610 MHz
18
dBm
fIN = 3610 MHz
18.5
dBm
fIN = 4910 MHz
19.3
dBm
RTERM
Input reference impedance
100.0
Ω
ATTrange
DSA Attenuation range
25.0
dB
ATTstep
DSA Attenuation step
0.5
dB
DSA Attenuation step accuracy
Delta=Gatt(X)-Gatt(X-1),
Fin=3610MHz, after calibration
0.1
dB
DSA Gain Steps Phase accuracy
any 8dB range
Fin=3610MHz, after calibration
0.9
deg
DSA Gain Steps Phase accuracy
any 8dB range
Fin=4910MHz, after calibration
1.8
deg
Gflat
Gain flatness
Measured Over 80MHz BW
0.2
dB
Measured Over 200MHz BW
0.5
dB
Measured Over 400MHz BW
1.1
dB
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com