Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 4Page - Texas Instruments AFE7901 Datasheet HTML 5Page - Texas Instruments AFE7901 Datasheet HTML 6Page - Texas Instruments AFE7901 Datasheet HTML 7Page - Texas Instruments AFE7901 Datasheet HTML 8Page - Texas Instruments AFE7901 Datasheet HTML 9Page - Texas Instruments AFE7901 Datasheet HTML 10Page - Texas Instruments AFE7901 Datasheet HTML 11Page - Texas Instruments AFE7901 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
Table 6-1. Pin Functions (continued)
BALL NAME
BALL NUMBER
TYPE(1)
DESCRIPTION
GTL_0_GPIO2
N13
I/O
GPIO.
GTL_1_SLEEP
P14
I/O
Default location of Sleep input signal.
GTL_2_ALARM2
N15
I/O
Default location of Alarm 2 output signal.
GTL_3_AUX0
M15
I/O
GPIO or auxiliary low-speed ADC input 0
GTL_4_SPIACLK
P15
I/O
Fixed Location of SPI A Clock.
GTL_5_SPIASEN
R14
I/O
Fixed Location of SPI A Send Enable.
GTL_6_RXTDD2
R15
I/O
Default location of RX TDD2 input signal.
GTL_7_ALARM1
N16
I/O
Default location of Alarm 1 output signal.
GTL_8_AUX1
L14
I/O
GPIO or auxiliary low-speed ADC input 1.
GTL_9_AUX2
M14
I/O
GPIO or auxiliary low-speed ADC input 2.
GTL_10_BIST0
P11
I/O
Fixed Location for BIST0 Function. Set low when using
JTAG, set high for normal operation.
GTL_11_AUX3
P13
I/O
GPIO or auxiliary low-speed ADC input 3.
GTL_12_BIST1
P12
I/O
Fixed Location for BIST1 Function. Set high when using
JTAG, set low for normal operation.
GTL_13_AUX4
N12
I/O
GPIO or auxiliary low-speed ADC input 4.
GTL_14_AUX5
N11
I/O
GPIO or auxiliary low-speed ADC input 5.
GTL_15_GPIO3
P16
I/O
GPIO.
GTL_17_SPIASDIO
N14
I/O
Fixed Location of SPI A Serial Data Input (3- and 4-wire
mode) or Output (3 wire mode only).
GTL_18_SPIASDO
R16
I/O
Fixed Location of SPI A Serial Data Output in 4-wire mode.
GTR_0_RXGSWAP
G13
I/O
Default location of RX gain swap input.
GTR_1_GPIO1
H12
I/O
GPIO.
GTR_2_SPIB2CLK
J14
I/O
Default and recommended location of SPI B2 clock.
GTR_3_TXTDD1
H15
I/O
Default location of TX TDD1 input signal.
GTR_4_TCLK
H14
I/O
Fixed location for JTAG Test Clock.
GTR_5_TDO
F14
I/O
Fixed location for JTAG Test Data Out.
GTR_6_SPIB2_SDIO
H13
I/O
Default and recommended location of SPI B2 serial data
input/output.
GTR_7_SPIB2SEN
F16
I/O
Default and recommended location of SPI B2 enable input.
GTR_8_FBTDD1
K14
I/O
Default location of FB TDD1 input signal.
GTR_9_SPIB2SDO
J15
I/O
Default and recommended location of SPI B2 serial data
output (4-wire mode)
GTR_10_TMS
G11
I/O
Fixed location for JTAG Test Mode Select.
GTR_11_SPIB1_SDO
G12
I/O
Default and recommended location of SPI B1 serial data
output (4-wire mode).
GTR_12_SPIB_SDIO
H11
I/O
Default and recommended location of SPI B1 serial data
input/output.
GTR_13_TRST
G15
I/O
Fixed location for JTAG Test Reset. Must be pulled low when
the JTAG port is not used.
GTR_14_SPIB1SEN
H16
I/O
Default and recommended location of SPI B1 enable input.
GTR_15_RESETZ
F15
I/O
Fixed Location for reset function. Chip Reset to default
register settings.
GTR_17_SPIB1CLK
G16
I/O
Default and recommended location of SPI B1 clock.
GTR_18_TDI
G14
I/O
Fixed location for JTAG Test Data Input.
POWER SUPPLIES
DVDD
K2, K5, K6, K7, K8, K9, K10,
K11, K12, K13, L2, L5, L6,
L7, L8, L9, L10, L11, L12, L13
—
0.9-V digital power supply
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com