Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 83 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 83 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 79Page - Texas Instruments AFE7901 Datasheet HTML 80Page - Texas Instruments AFE7901 Datasheet HTML 81Page - Texas Instruments AFE7901 Datasheet HTML 82Page - Texas Instruments AFE7901 Datasheet HTML 83Page - Texas Instruments AFE7901 Datasheet HTML 84Page - Texas Instruments AFE7901 Datasheet HTML 85Page - Texas Instruments AFE7901 Datasheet HTML 86Page - Texas Instruments AFE7901 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 160 page
background image
7.12.8 TX Typical Characteristics at 30 MHz and 400 MHz (continued)
Typical values at TA = +25°C with nominal supplies. Default conditions: TX input data rate = 125 MSPS, fDAC = 6000
MSPS (48x interpolation), interleave mode, 1st Nyquist zone output, PLL clock mode with fREF = 500 MHz. Additional default
conditions for all plots, AOUT = –1 dBFS, DSA = 0 dB, Sin(x)/x enabled, DSA calibrated, TX Clock Dither Enabled
Figure 7-263. Dual Tone Spectrum at 30 MHz and -60d BFS (0 -
100 MHz)
Output Amplitude (dBFS)
-60 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10
-5
0
-160
-159
-158
-157
-156
-155
-154
-153
-152
-151
-150
Temp = -40C
Temp = 25C
Temp = 105C
measured at +50 MHz offset
Figure 7-264. Noise Spectral Density vs Digital Amplitude at 30
MHz
DSA Setting (dB)
0
5
10
15
20
25
30
35
40
-160
-155
-150
-145
-140
-135
-130
-125
-120
-12 dBFS, Temp = -40C
-12 dBFS, Temp = 25C
-12 dBFS, Temp = 105C
-1 dBFS, Temp = -40C
-1 dBFS, Temp = 25C
-1 dBFS, Temp = 105C
measured at +50 MHz offset
Figure 7-265. Noise Spectral Density vs DSA Setting at 30 MHz
DSA Setting (dB)
0
5
10
15
20
25
30
35
40
-90
-80
-70
-60
-50
-40
-30
-13 dBFS, Temp = -40C
-13 dBFS, Temp = 25C
-13 dBFS, Temp = 105C
-7 dBFS, Temp = -40C
-7 dBFS, Temp = 25C
-7 dBFS, Temp = 105C
Figure 7-266. IMD3 vs DSA Setting at 30 MHz
Output Frequency (MHz)
0
20
40
60
80
100
120
140
160
180
200
60
65
70
75
80
85
90
-12 dBFS
-6 dBFS
-1 dBFS
Figure 7-267. HD2 vs Frequency 0 - 200 MHz
Output Frequency (MHz)
0
20
40
60
80
100
120
140
160
180
200
40
50
60
70
80
90
100
-12 dBFS
-6 dBFS
-1 dBFS
Figure 7-268. HD3 vs Frequency 0 - 200 MHz
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com