Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 60 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 56Page - Texas Instruments AFE7901 Datasheet HTML 57Page - Texas Instruments AFE7901 Datasheet HTML 58Page - Texas Instruments AFE7901 Datasheet HTML 59Page - Texas Instruments AFE7901 Datasheet HTML 60Page - Texas Instruments AFE7901 Datasheet HTML 61Page - Texas Instruments AFE7901 Datasheet HTML 62Page - Texas Instruments AFE7901 Datasheet HTML 63Page - Texas Instruments AFE7901 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 160 page
background image
7.12.4 RX Typical Characteristics 2.6 GHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52 MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Supply Voltages
-90
-88
-86
-84
-82
-80
-78
-76
-74
-72
-70
MIN
TYP
MAX
1RX
2RX
3RX
4RX
With 2.6 GHz matching, –7 dBFS each tone, 20-MHz tone
spacing, all supplies at MIN, TYP, or MAX recommended
operating voltages
Figure 7-135. RX IMD3 vs Supply and Channel at 2.6 GHz
Supply Voltages
-154
-153.5
-153
-152.5
-152
-151.5
-151
-150.5
-150
MIN
TYP
MAX
1RX
2RX
3RX
4RX
With 2.6 GHz matching, 12.5-MHz offset, all supplies at MIN,
TYP, or MAX recommended operating voltages
Figure 7-136. RX Noise Spectral Density vs Supply and Channel
at 2.6 GHz
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
60
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com