Electronic Components Datasheet Search
  English  ▼

X  

AFE7901 Datasheet(PDF) 97 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 93Page - Texas Instruments AFE7901 Datasheet HTML 94Page - Texas Instruments AFE7901 Datasheet HTML 95Page - Texas Instruments AFE7901 Datasheet HTML 96Page - Texas Instruments AFE7901 Datasheet HTML 97Page - Texas Instruments AFE7901 Datasheet HTML 98Page - Texas Instruments AFE7901 Datasheet HTML 99Page - Texas Instruments AFE7901 Datasheet HTML 100Page - Texas Instruments AFE7901 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
7.12.9 TX Typical Characteristics at 800 MHz (continued)
Typical values at TA = +25°C with nominal supplies. Unless otherwise noted, TX input data rate = 491.52 MSPS, fDAC =
11796.48 MSPS, interleave mode, AOUT = –1 dBFS, 1st Nyquist zone output, Internal PLL, fREF = 491.52 MSPS, 24x
Interpolation, DSA = 0 dB, Sin(x)/x enabled, DSA calibrated, TX Clock Dither Enabled
DSA Setting (dB)
0
5
10
15
20
25
30
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
1TX
2TX
3TX
Matching at 0.8 GHz, single carrier 100-MHz BW TM1.1 NR
Figure 7-345. TX 100-MHz NR ACPR vs DSA at 0.85 GHz
DSA Setting (dB)
0
5
10
15
20
25
30
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
1TX
2TX
3TX
Matching at 0.8 GHz, single carrier 100-MHz BW TM1.1 NR
Figure 7-346. TX 100-MHz NR alt-ACPR vs DSA at 0.85 GHz
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
1TX, -12dBFS
1TX, -6dBFS
2TX, -12dBFS
2TX, -6dBFS
3TX, -12dBFS
3TX, -6dBFS
4TX, -12dBFS
4TX, -6dBFS
Matching at 0.8 GHz, fDAC = 5898.24GSPS, straight mode
Figure 7-347. TX HD2 vs Digital Amplitude and Output
Frequency at 0.85 GHz
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
1TX, -12dBFS
1TX, -6dBFS
2TX, -12dBFS
2TX, -6dBFS
3TX, -12dBFS
3TX, -6dBFS
4TX, -12dBFS
4TX, -6dBFS
Matching at 0.8 GHz, fDAC = 8847.36 GSPS, straight mode
Figure 7-348. TX HD2 vs Digital Amplitude and Output
Frequency at 0.85 GHz
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
1TX, -12dBFS
1TX, -6dBFS
2TX, -12dBFS
2TX, -6dBFS
3TX, -12dBFS
3TX, -6dBFS
4TX, -12dBFS
4TX, -6dBFS
Matching at 0.8 GHz, fDAC = 5898.24 MSPS, straight mode,
normalized to output power at harmonic frequency
Figure 7-349. TX HD3 vs Digital Amplitude and Output
Frequency at 0.85 GHz
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
1TX, -12dBFS
1TX, -6dBFS
2TX, -12dBFS
2TX, -6dBFS
3TX, -12dBFS
3TX, -6dBFS
4TX, -12dBFS
4TX, -6dBFS
Matching at 0.8 GHz, fDAC = 8847.36 MSPS, straight mode,
normalized to output power at harmonic frequency
Figure 7-350. TX HD3 vs Digital Amplitude and Output
Frequency at 0.85 GHz
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com