Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 14Page - Microchip Technology MIC24067 Datasheet HTML 15Page - Microchip Technology MIC24067 Datasheet HTML 16Page - Microchip Technology MIC24067 Datasheet HTML 17Page - Microchip Technology MIC24067 Datasheet HTML 18Page - Microchip Technology MIC24067 Datasheet HTML 19Page - Microchip Technology MIC24067 Datasheet HTML 20Page - Microchip Technology MIC24067 Datasheet HTML 21Page - Microchip Technology MIC24067 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
MIC24066/7
DS20006730A-page 18
 2022 Microchip Technology Inc. and its subsidiaries
3.14
Analog Ground Pin (AGND)
AGND is reference to the analog control circuits inside
the controller. Connect AGND to PGND at one point on
PCB.
3.15
Bias Voltage Pin (VDD)
Supply for the controller internal analog circuits.
Connect VDD to PVDD through a 2.2Ω resistor.
Connect a minimum of 4.7 µF low ESR ceramic
capacitor from VDD to AGND for decoupling.
3.16
SVIN
Supply Input to the internal high voltage LDO. Connect
to the main power source and bypass to PGND with a
minimum of 1 µF low ESR ceramic capacitor.
3.17
AGND (EP)
Connect to AGND copper plane to improve thermal
performance of the MIC24066/7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com