Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 6Page - Microchip Technology MIC24067 Datasheet HTML 7Page - Microchip Technology MIC24067 Datasheet HTML 8Page - Microchip Technology MIC24067 Datasheet HTML 9Page - Microchip Technology MIC24067 Datasheet HTML 10Page - Microchip Technology MIC24067 Datasheet HTML 11Page - Microchip Technology MIC24067 Datasheet HTML 12Page - Microchip Technology MIC24067 Datasheet HTML 13Page - Microchip Technology MIC24067 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MIC24066/7
DS20006730A-page 10
 2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise indicated, VIN = 12V; VOUT = 5V; fSW = 400 kHz; VBST – VSW = 5V; TA = +25°C.
Measurements were done using Typical Application Circuit schematic unless specific changes are mentioned.
FIGURE 2-5:
Efficiency (VOUT = 5V) vs.
Output Current @ 400 kHz (HLL Mode).
FIGURE 2-6:
VIN Quiescent Current vs.
Input Voltage.
FIGURE 2-7:
Enable Threshold vs. Input
Voltage.
FIGURE 2-8:
MIC24066 Efficiency
(VIN =8V, VOUT = 5V) @ 400 kHz.
FIGURE 2-9:
Shutdown Current vs. Input
Voltage.
FIGURE 2-10:
Current Limit vs. Input
Voltage (VOUT = 5V, RCL = 1 kΩ).
0
10
20
30
40
50
60
70
80
90
100
0123456
Load (A)
V = 8V
V = 12V
V = 24V
V = 36V
250
270
290
310
330
350
370
390
410
430
450
4
8
12
16
20
24
28
32
36
VIN (V)
1
1.02
1.04
1.06
1.08
1.1
1.12
1.14
1.16
4
8
12
16
20
24
28
32
36
V
IN (V)
EN_ ising
EN_ alling
0
10
20
30
40
50
60
70
80
90
100
0123456
I
OUT (A)
V = 8V EXTVDD = 5V
V = 8V EXTVDD = 0V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
4
8
12
16
20
24
28
32
36
VIN (V)
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
8 1012141618202224262830323436
VIN (V)
Inductor Peak Current
Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com