Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 10Page - Microchip Technology MIC24067 Datasheet HTML 11Page - Microchip Technology MIC24067 Datasheet HTML 12Page - Microchip Technology MIC24067 Datasheet HTML 13Page - Microchip Technology MIC24067 Datasheet HTML 14Page - Microchip Technology MIC24067 Datasheet HTML 15Page - Microchip Technology MIC24067 Datasheet HTML 16Page - Microchip Technology MIC24067 Datasheet HTML 17Page - Microchip Technology MIC24067 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MIC24066/7
DS20006730A-page 14
 2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise indicated, VIN = 12V; VOUT = 5V; fSW = 400 kHz; VBST – VSW = 5V; TA = +25°C.
Measurements were done using Typical Application Circuit schematic unless specific changes are mentioned.
FIGURE 2-29:
Enable Start-Up into Short
Circuit.
FIGURE 2-30:
Response to Short Circuit.
FIGURE 2-31:
Thermal Shutdown
Response.
FIGURE 2-32:
VIN Start-Up into Short
Circuit.
FIGURE 2-33:
Recovery from Short Circuit.
FIGURE 2-34:
Thermal Shutdown
Recovery Response.
VOUT = 200 mV
RCL= 1 kΩ
VIN = 10V
EN = 5V
IL = 5A
VOUT = 2V
RCL= 1 kΩ
PG = 5V
IL = 5A
PG = 2V
VOUT = 2V
IOUT = 100 mA
SW = 10V
RCL= 1 kΩ
PG = 5V
IL = 5A
VOUT = 200 mV
VIN = 10V
RCL= 1 kΩ
VOUT = 2V
PG = 5V
IL = 5A
PG = 2V
VOUT = 2V
IOUT = 100 mA
SW = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com