Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 21Page - Microchip Technology MIC24067 Datasheet HTML 22Page - Microchip Technology MIC24067 Datasheet HTML 23Page - Microchip Technology MIC24067 Datasheet HTML 24Page - Microchip Technology MIC24067 Datasheet HTML 25Page - Microchip Technology MIC24067 Datasheet HTML 26Page - Microchip Technology MIC24067 Datasheet HTML 27Page - Microchip Technology MIC24067 Datasheet HTML 28Page - Microchip Technology MIC24067 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 25
MIC24066/7
5.0
APPLICATION INFORMATION
5.1
Setting the Switching Frequency
The
MIC24066/7
is
an
adjustable-frequency,
synchronous buck controller featuring a unique
adaptive on-time control architecture. The switching
frequency can be adjusted between 270 kHz and
800 kHz by changing the resistor divider network
between VIN and AGND pins consisting of R1 and R2
as shown in Figure 5-1:
FIGURE 5-1:
Switching Frequency
Adjustment.
Equation 5-1
shows
the
estimated
switching
frequency:
EQUATION 5-1:
fO is the switching frequency when R1 is 100 kΩ and R2
being open; fO is typically 800 kHz. For more precise
setting, it is recommended to use Figure 5-2:
FIGURE 5-2:
Switching Frequency vs. R2.
5.2
Output Voltage Setting
The output voltage can be adjusted using a resistor
divider from output to AGND whose mid-point is
connected to FB pin as shown the Figure 5-3.
FIGURE 5-3:
Output Voltage Adjustment.
The output voltage
can be
calculated using
Equation 5-2:
EQUATION 5-2:
The maximum output voltage that can be programmed
using the MIC24066/7 is limited to 30V, if not limited by
the maximum duty cycle (see Equation 4-2).
A typical value of R1 is less than 30 kΩ. If R1 is too
large, it may allow noise to be introduced into the
voltage feedback loop and also increases the offset
between the set output voltage and actual output
voltage because of the error amplifier bias current. If R1
is too small in value, it will decrease the efficiency of the
power supply, especially at light loads. Once R1 is
selected, R2 can be calculated using Equation 5-3.
EQUATION 5-3:
fSW
fO
R2
R2 R1
+
-------------------
=
200
300
400
500
600
700
800
900
1000
10
100
1000
10000
R2 (k )
MIC24066/7 Frequency vs R2 @ NL
R1=100k , Vout=5V
8Vin
12Vin
24Vin
36Vin
VOUT
VREF
1
R1
R2
------
+


=
Where:
VREF
=0.6V
R2
R1
VOUT
VREF
------------- 1
–


----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com