Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 3 Page - Microchip Technology

  MIC24067 Datasheet HTML 1Page - Microchip Technology MIC24067 Datasheet HTML 2Page - Microchip Technology MIC24067 Datasheet HTML 3Page - Microchip Technology MIC24067 Datasheet HTML 4Page - Microchip Technology MIC24067 Datasheet HTML 5Page - Microchip Technology MIC24067 Datasheet HTML 6Page - Microchip Technology MIC24067 Datasheet HTML 7Page - Microchip Technology MIC24067 Datasheet HTML 8Page - Microchip Technology MIC24067 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 3
MIC24066/7
Typical Application Circuit
PGND
PVDD
VDD
PG
EN
SS/MODE
FREQ
EXTVDD
FB
ILIM
SW
BST
VIN
VIN
6V to 36V
VOUT
5V@6A
VOUT
VIN
4.7uF
C1
3 x 4.7uF
C7
5x47uF
L1
3.3uH
C4
0.1uF
C6
47nF
C9
1.0nF
C11
1uF
C5
2.2uF
C3
R1
10
R2
43K
R3
15K
R4
2.05K
R5
100K
R6
100K
R7
1K
VIN
MIC24066/7
PGND
GND
5V,6A Applica on Circuit (Fsw=400KHz)
SVIN
0
C10
0.1uF
VIN
R8
VDD
VDD
CSS (MIC24066)
47uF
C2
C8
47uF
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com