Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 22Page - Microchip Technology MIC24067 Datasheet HTML 23Page - Microchip Technology MIC24067 Datasheet HTML 24Page - Microchip Technology MIC24067 Datasheet HTML 25Page - Microchip Technology MIC24067 Datasheet HTML 26Page - Microchip Technology MIC24067 Datasheet HTML 27Page - Microchip Technology MIC24067 Datasheet HTML 28Page - Microchip Technology MIC24067 Datasheet HTML 29Page - Microchip Technology MIC24067 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
MIC24066/7
DS20006730A-page 26
 2022 Microchip Technology Inc. and its subsidiaries
5.3
Setting the Soft-Start Time
The output Soft-Start time can be set by connecting a
capacitor from SS to AGND from 2 ms to 100 ms as
shown in Figure 5-4:
FIGURE 5-4:
Setting the Soft Start Time.
The value of the capacitor can be calculated using
Equation 5-4:
EQUATION 5-4:
5.4
Inductor Selection
Inductance value, saturation and RMS currents are
required to select the output inductor. The input and
output voltages and the inductance value determine
the peak-to-peak inductor ripple current.
The lower the inductance value, the higher the
peak-to-peak ripple current through the inductor, which
increases the core losses in the inductor. Higher
inductor ripple current also requires more output
capacitance to smooth out the ripple current. The
greater
the
inductance
value,
the
lower
the
peak-to-peak ripple current, which results in a larger
and more expensive inductor.
A good compromise between size, loss and cost is to
set the inductor ripple current to be equal to 30% of the
maximum output current.
The inductance value is calculated by Equation 5-5:
EQUATION 5-5:
For a selected Inductor, the peak-to-peak inductor rip-
ple current ripple can be calculated using Equation 5-6:
EQUATION 5-6:
The peak inductor current is equal to the load current
plus one half of the peak-to-peak inductor current ripple
which is shown in Equation 5-7:
EQUATION 5-7:
The RMS and saturation current ratings of the selected
inductor should be at least equal to the RMS current
and saturation current calculated in Equation 5-8 and
Equation 5-9.
EQUATION 5-8:
EQUATION 5-9:
Maximizing the efficiency requires the proper selection
of core material and minimizing the winding resistance.
Use of ferrite materials is recommended in the higher
switching frequency applications. Lower cost iron
powder cores may be used but the increase in core
loss reduces the efficiency of the power supply.
CSS
ISS tSS
VREF
--------------------
=
Where:
CSS
= Capacitor from SS pin to AGND
ISS
= Internal Soft Start Current (1.3 μA typical)
tSS
= Output Soft Start Time
VREF
=0.6V
L
VOUT
VIN VOUT
–

VIN fSW
0.3
fFL
------------------------------------------------------
=
Where:
VIN
= Input Voltage
fSW
= Switching Frequency
IFL
= Full Load Current
VOUT = Output Voltage
IL
PP
VOUT
VIN VOUT
–

VIN fSW
L
------------------------------------------------------
=
ILPK
ILOAD
IL
PP
2
----------------
+


=
Where:
ILOAD(MAX) = Maximum Load Current
ILRMS
ILOAD MAX


2
IL
PP

2
12
-----------------------
+
=
ILSAT
RCL VIN
 15 mV
+
RDSON
----------------------------------------------------
=
Where:
RCL
= Current Limit Resistor
ICL
= Current Limit Source Current (115 μA typical)
RDSON = On Resistance of Low Side MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com