Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 2 Page - Microchip Technology

  MIC24067 Datasheet HTML 1Page - Microchip Technology MIC24067 Datasheet HTML 2Page - Microchip Technology MIC24067 Datasheet HTML 3Page - Microchip Technology MIC24067 Datasheet HTML 4Page - Microchip Technology MIC24067 Datasheet HTML 5Page - Microchip Technology MIC24067 Datasheet HTML 6Page - Microchip Technology MIC24067 Datasheet HTML 7Page - Microchip Technology MIC24067 Datasheet HTML 8Page - Microchip Technology MIC24067 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MIC24066/7
DS20006730A-page 2
 2022 Microchip Technology Inc. and its subsidiaries
Package Type
*Includes Exposed Thermal Pads (AGND, VIN & SW); see Table 3-1.
MIC24066/7
36-Pin 5 mm x 6 mm VQFN*
PVDD
EXTVDD
EN
AGND
PG
ILIM
BST
SW
VIN
VIN
SW
SW
SW
SW
SW
VIN
AGND
NC
AGND
11
12
13
10
14
15
16
17
18
19
9
8
7
6
5
4
3
36
35
34
33
32
31
30
29
20
21
22
23
24
25
26
NC
NC
2
1
27
28
VIN
VIN
PVDD
EXTVDD
EN
AGND
PG
ILIM
BST
SW
VIN
VIN
SW
SW
SW
SW
SW
VIN
AGND
NC
AGND
11
12
13
10
14
15
16
17
18
19
9
8
7
6
5
4
3
36
35
34
33
32
31
30
29
20
21
22
23
24
25
26
NC
NC
2
1
27
28
VIN
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com