Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 12Page - Microchip Technology MIC24067 Datasheet HTML 13Page - Microchip Technology MIC24067 Datasheet HTML 14Page - Microchip Technology MIC24067 Datasheet HTML 15Page - Microchip Technology MIC24067 Datasheet HTML 16Page - Microchip Technology MIC24067 Datasheet HTML 17Page - Microchip Technology MIC24067 Datasheet HTML 18Page - Microchip Technology MIC24067 Datasheet HTML 19Page - Microchip Technology MIC24067 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
MIC24066/7
DS20006730A-page 16
 2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1, 14, 23, 28, 36
NC
Not Connected. Leave Pin Unconnected.
2PG
Open drain Power Good Output: PG is pulled to ground when the output voltage is
below 10% of the target voltage. Pull-up PG to VDD through a 10 kΩ resistor to set
logic high level when the output voltage is above 90% of the target voltage.
3ILIM
Current Limit Adjust Input: Connect a resistor from ILIM to the SW node to set current
limit. Refer to Section 4.5.2 Current Limit for more details.
4, 25, 32, 33
AGND
Analog ground: Reference node for all the control logic circuit inside the device.
Connect AGND to PGND at one point.
5SW
Switch Node Output: Connect all the SW pins together. Connect one terminal of the
Inductor to the SW node.
6
BST
Bootstrap Capacitor connection node: BST pin is the supply voltage for the internal
High side MOSFET driver. Connect a 0.1 µF low ESR ceramic capacitor between BST
pin and the SW pin.
7, 8, 9, 10, 11,
12, 13
VIN
Power Supply Input to the internal high side MOSFET: Connect all the VIN pins
together. Connect low ESR ceramic capacitors between VIN and PGND pins close to
the IC to supply switching currents.
14
NC
Not Connected. Pin can be floating or grounded.
15, 16, 17, 18
PGND
Power Ground: PGND is the return path for the low side MOSFET current and for the
low side MOSFET driver. Connect all the PGND pins together and connect to the
power ground plane.
19, 20, 21, 22
SW
Switch Node Output: Connect all the SW pins together. Connect one terminal of the
Inductor to the SW node.
23
NC
Not Connected. Pin can be floating or grounded.
24
PVDD
Internal High Voltage LDO output: This is the supply for the low side MOSFET driver
and for the Bootstrap capacitor. Connect a minimum 4.7 µF low ESR ceramic
capacitor from PVDD to PGND.
26
EXTVDD
Auxiliary LDO Input: Connect to a supply higher than 4.7V (typical) to bypass the
internal high voltage LDO or leave unconnected/connect to ground. Connect a
minimum 1 µF low ESR ceramic capacitor between EXTVDD and PGND when
EXTVDD is connected to external supply.
27
EN
Enable Logic Input: Connect to VIN or Drive from an external logic signal. When
EN = Logic High, the device is enabled; When EN = Logic Low, the device is disabled.
29
FREQ
Frequency Programming Input: Connect to VIN to set the switching frequency to
800 kHz. Connect to mid-point of a resistor divider from VIN to AGND to set the
switching frequency. Refer to Section 5.1 Setting the Switching Frequency.
30
SS/MODE
Soft Start programming Input (MIC24066): Connect a capacitor between SS and
AGND to program output voltage soft start time.
Light Load Operating Mode Selection Input (MIC24067): Connect to AGND or
leave unconnected to set the light load operating mode to HyperLight Load (HLL).
Connect to VDD to set mode to Continuous Conduction Mode (CCM) over entire load
current range.
31
FB
Feedback Input: Connect to mid-point of a resistor divider from output voltage to
AGND to set desired output voltage.
34
VDD
Bias Supply: Bias supply for the internal control logic circuit. Connect to PVDD
through 2.2Ω series resistor. Connect a minimum 2.2 µF low ESR ceramic capacitor
from VDD to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com