Electronic Components Datasheet Search
  English  ▼

X  

MIC24067 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC24067
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24067 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC24067 Datasheet HTML 7Page - Microchip Technology MIC24067 Datasheet HTML 8Page - Microchip Technology MIC24067 Datasheet HTML 9Page - Microchip Technology MIC24067 Datasheet HTML 10Page - Microchip Technology MIC24067 Datasheet HTML 11Page - Microchip Technology MIC24067 Datasheet HTML 12Page - Microchip Technology MIC24067 Datasheet HTML 13Page - Microchip Technology MIC24067 Datasheet HTML 14Page - Microchip Technology MIC24067 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 11
MIC24066/7
Note: Unless otherwise indicated, VIN = 12V; VOUT = 5V; fSW = 400 kHz; VBST – VSW = 5V; TA = +25°C.
Measurements were done using Typical Application Circuit schematic unless specific changes are mentioned.
FIGURE 2-11:
Enable Threshold vs.
Temperature (VIN = 12V).
FIGURE 2-12:
VIN Quiescent Current
vs.Temperature (VIN = 12V).
FIGURE 2-13:
Shutdown Current vs.
Temperature (VIN = 12V).
FIGURE 2-14:
Current Limit vs. Temperature
(VIN = 12V, VOUT = 5V, RCL = 1 kΩ).
FIGURE 2-15:
Output Voltage (VOUT = 5V)
vs. Load (@ 400 kHz, HLL Mode).
FIGURE 2-16:
Switching Frequency vs.
Input Voltage (@NL).
0.75
0.85
0.95
1.05
1.15
1.25
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
Rising
Falling
280
300
320
340
360
380
400
420
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = 12V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
-40 -30 -20 -10 0
1020304050607080
Temperature (°C)
Inductor Peak Current
Load Current
5
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.1
0123456
Load (A)
V
V
V
V
300
320
340
360
380
400
420
440
460
480
500
5
10152025303540
Input Voltage (V)
40 C
25
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com